Electronic Components Datasheet Search |
|
25AA256T-EP Datasheet(PDF) 2 Page - Microchip Technology |
|
25AA256T-EP Datasheet(HTML) 2 Page - Microchip Technology |
2 / 26 page 25AA256/25LC256 DS21822C-page 2 Preliminary 2003 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings (†) VCC.............................................................................................................................................................................6.5V All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V Storage temperature .................................................................................................................................-65°C to 150°C Ambient temperature under bias ...............................................................................................................-40°C to 125°C ESD protection on all pins .......................................................................................................................................... 4 kV TABLE 1-1: DC CHARACTERISTICS † NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an extended period of time may affect device reliability. DC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C VCC = 1.8V to 5.5V Automotive (E): TA = -40°C to +125°C VCC = 2.5V to 5.5V Param. No. Sym. Characteristic Min. Max. Units Test Conditions D001 VIH1 High-level input voltage .7 VCC VCC+1 V D002 VIL1 Low-level input voltage -0.3 0.3VCC VVCC ≥ 2.7V D003 VIL2 -0.3 0.2VCC VVCC < 2.7V D004 VOL Low-level output voltage —0.4 V IOL = 2.1 mA D005 VOL —0.2 V IOL = 1.0 mA, VCC < 2.5V D006 VOH High-level output voltage VCC -0.5 — V IOH = -400 µA D007 ILI Input leakage current — ±1 µACS = VCC, VIN = VSS TO VCC D008 ILO Output leakage current —±1 µACS = VCC, VOUT = VSS TO VCC D009 CINT Internal Capacitance (all inputs and outputs) —7 pF TA = 25°C, CLK = 1.0 MHz, VCC = 5.0V (Note) D010 ICC Read Operating Current — — 5 2.5 mA mA VCC = 5.5V; FCLK = 10.0 MHz; SO = Open VCC = 2.5V; FCLK = 5.0 MHz; SO = Open D011 ICC Write — — 5 3 mA mA VCC = 5.5V VCC = 2.5V D012 ICCS Standby Current — — 5 1 µA µA CS = VCC = 5.5V, Inputs tied to VCC or VSS, 125°C CS = VCC = 5.5V, Inputs tied to VCC or VSS, 85°C Note: This parameter is periodically sampled and not 100% tested. |
Similar Part No. - 25AA256T-EP |
|
Similar Description - 25AA256T-EP |