Electronic Components Datasheet Search |
|
BZX384-B20 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
BZX384-B20 Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 11 page This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Table 1 Per type BZX384-B/C2V4 to B/C24 Tj =25 °C unless otherwise specified. BZX- Bxxx Cxxx WORKING VOLTAGE VZ (V) at IZtest =5mA DIFFERENTIAL RESISTANCE rdif (Ω) TEMPERATURE COEFFICIENT SZ (mV/K) at IZtest =5mA (see Figs 4 and 5) DIODE CAP. Cd (pF) at f = 1 MHz; VR =0V NON-REPETITIVE PEAK REVERSE CURRENT IZSM (A) at tp = 100 µs; Tamb =25˚C Tol. ±2% (B) Tol. ±5% (C) at IZtest = 1 mA at IZtest =5mA MIN. MAX. MIN. MAX. TYP. MAX. TYP. MAX. MIN. TYP. MAX. MAX. MAX. 2V4 2.35 2.45 2.2 2.6 275 600 70 100 −3.5 −1.6 0 450 6.0 2V7 2.65 2.75 2.5 2.9 300 600 75 100 −3.5 −2.0 0 450 6.0 3V0 2.94 3.06 2.8 3.2 325 600 80 95 −3.5 −2.1 0 450 6.0 3V3 3.23 3.37 3.1 3.5 350 600 85 95 −3.5 −2.4 0 450 6.0 3V6 3.53 3.67 3.4 3.8 375 600 85 90 −3.5 −2.4 0 450 6.0 3V9 3.82 3.98 3.7 4.1 400 600 85 90 −3.5 −2.5 0 450 6.0 4V3 4.21 4.39 4.0 4.6 410 600 80 90 −3.5 −2.5 0 450 6.0 4V7 4.61 4.79 4.4 5.0 425 500 50 80 −3.5 −1.4 0.2 300 6.0 5V1 5.00 5.20 4.8 5.4 400 480 40 60 −2.7 −0.8 1.2 300 6.0 5V6 5.49 5.71 5.2 6.0 80 400 15 40 −2.0 1.2 2.5 300 6.0 6V2 6.08 6.32 5.8 6.6 40 150 6 10 0.4 2.3 3.7 200 6.0 6V8 6.66 6.94 6.4 7.2 30 80 6 15 1.2 3.0 4.5 200 6.0 7V5 7.35 7.65 7.0 7.9 30 80 6 15 2.5 4.0 5.3 150 4.0 8V2 8.04 8.36 7.7 8.7 40 80 6 15 3.2 4.6 6.2 150 4.0 9V1 8.92 9.28 8.5 9.6 40 100 6 15 3.8 5.5 7.0 150 3.0 10 9.80 10.20 9.4 10.6 50 150 8 20 4.5 6.4 8.0 90 3.0 11 10.80 11.20 10.4 11.6 50 150 10 20 5.4 7.4 9.0 85 2.5 12 11.80 12.20 11.4 12.7 50 150 10 25 6.0 8.4 10.0 85 2.5 13 12.70 13.30 12.4 14.1 50 170 10 30 7.0 9.4 11.0 80 2.5 15 14.70 15.30 13.8 15.6 50 200 10 30 9.2 11.4 13.0 75 2.0 16 15.70 16.30 15.3 17.1 50 200 10 40 10.4 12.4 14.0 75 1.5 18 17.60 18.40 16.8 19.1 50 225 10 45 12.4 14.4 16.0 70 1.5 20 19.60 20.40 18.8 21.2 60 225 15 55 14.4 16.4 18.0 60 1.5 22 21.60 22.40 20.8 23.3 60 250 20 55 16.4 18.4 20.0 60 1.25 24 23.50 24.50 22.8 25.6 60 250 25 70 18.4 20.4 22.0 55 1.25 |
Similar Part No. - BZX384-B20 |
|
Similar Description - BZX384-B20 |