Electronic Components Datasheet Search |
|
1SMB64CAT3 Datasheet(PDF) 1 Page - ON Semiconductor |
|
1SMB64CAT3 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2005 January, 2005 − Rev. 6 1 Publication Order Number: 1SMB10CAT3/D 1SMB10CAT3 Series Watt Peak Power Zener Transient Voltage Suppressors Bidirectional* The SMB series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SMB series is supplied in ON Semiconductor’s exclusive, cost-effective, highly reliable Surmetic ™ package and is ideally suited for use in communication systems, automotive, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. Features • Working Peak Reverse Voltage Range − 10 V to 78 V • Standard Zener Breakdown Voltage Range − 11.7 V to 91.3 V • Peak Power − 600 Watts @ 1 ms • ESD Rating of Class 3 (> 16 KV) per Human Body Model • Maximum Clamp Voltage @ Peak Pulse Current • Low Leakage < 5 mA Above 10 V • UL 497B for Isolated Loop Circuit Protection • Response Time is Typically < 1 ns • Pb−Free Packages are Available Mechanical Characteristics CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260 °C for 10 Seconds LEADS: Modified L−Bend providing more contact area to bond pads POLARITY: Polarity band will not be indicated MOUNTING POSITION: Any PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10−78 V, 600 W PEAK POWER Device* Package Shipping† ORDERING INFORMATION 1SMBxxCAT3 SMB 2500/Tape & Reel SMB CASE 403A PLASTIC Y = Year WW = Work Week xxC = Specific Device Code = (See Table Next Page) YWW xxC MARKING DIAGRAM *The “T3” suffix refers to a 13 inch reel. 1SMBxxCAT3G SMB (Pb−Free) 2500/Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Individual devices are listed on page 3 of this data sheet. http://onsemi.com |
Similar Part No. - 1SMB64CAT3 |
|
Similar Description - 1SMB64CAT3 |