Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD1F2Q Datasheet(PDF) 1 Page - NEC

Part # HD1F2Q
Description  on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

HD1F2Q Datasheet(HTML) 1 Page - NEC

  HD1F2Q Datasheet HTML 1Page - NEC HD1F2Q Datasheet HTML 2Page - NEC HD1F2Q Datasheet HTML 3Page - NEC HD1F2Q Datasheet HTML 4Page - NEC HD1F2Q Datasheet HTML 5Page - NEC HD1F2Q Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D16182EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
HD1 SERIES
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
High current drives such as IC outputs and actuators available
On-chip bias resistor
Low power consumption during drive
HD1 SERIES LISTS
Products
Marking
R1 (K
Ω)R2 (KΩ)
HD1A3M
LP
1.0
1.0
HD1F3P
LQ
2.2
10
HD1L3N
LR
4.7
10
HD1A4M
LS
10
10
HD1L2Q
LT
0.47
4.7
HD1F2Q
LU
0.22
2.2
HD1A4A
LX
10
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
80
V
Collector to emitter voltage
VCEO
60
V
Emitter to base voltage
VEBO
10
V
Collector current (DC)
IC(DC)
1.0
A
Collector current (Pulse)
IC(pulse) *
2.0
A
Base current (DC)
IB(DC)
0.02
A
Total power dissipation
PT **
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
** When 0.7 mm
× 16 cm2 ceramic board is used


Similar Part No. - HD1F2Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD1-15530-8 INTERSIL-HD1-15530-8 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD1-15530-8 RENESAS-HD1-15530-8 Datasheet
724Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
More results

Similar Description - HD1F2Q

ManufacturerPart #DatasheetDescription
logo
NEC
CE1F3P NEC-CE1F3P Datasheet
141Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1F4Z NEC-AA1F4Z Datasheet
81Kb / 4P
   On-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HD1 RENESAS-HD1_15 Datasheet
521Kb / 8P
   ON-CHIP RESISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR MID-SPEED SWITCHING
AA1A3Q RENESAS-AA1A3Q Datasheet
237Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AA1F4Z RENESAS-AA1F4Z Datasheet
236Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
HD2 RENESAS-HD2_15 Datasheet
325Kb / 8P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R RENESAS-CE1N2R_15 Datasheet
261Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
NEC
CE1N2R NEC-CE1N2R Datasheet
54Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE2A3Q NEC-CE2A3Q Datasheet
232Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AA1L3M RENESAS-AA1L3M Datasheet
238Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
CE1A3Q RENESAS-CE1A3Q Datasheet
338Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com