Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1914AKG Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL1914AKG
Description  SATELLITE TUNER FRONT END LNA WITH AGC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1914AKG Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL1914AKG Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1914AKG Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SP1914 Preliminary Information
Absolute Maximum Ratings
All voltages referred to Vee at 0V.
Characteristics
Min
Max
Unit
Conditions
Supply voltage
-0.3
7
V
IFIN and IFINB input voltage
117
dB
µV
Transient condition only
All I/O port DC offset
-0.3
VCC+0.3
V
Except AGC (pin 4)
AGC input DC offset
-0.3
4
V
Storage temperature
-55
150
°C
Junction temperature
150
°C
Package thermal resistance,
39.8
°C/W
chip to case
Package thermal resistance,
120
°C/W
chip to ambient
Power consumption at 5.25V
790
mW
ESD protection
2
kV
Mil std-883 latest revision
method 3015 class 1
1
2
3
4
NORMALISED TO 50
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
X
START 950.000 000MHz
STOP 2 150.000 000 MHz
Marker
Freq (MHz)
Z real
Z imag
1
950
77
-6
2
1250
80
-34
3
1550
44
-44
4
2150
29
-35
Figure 3 Input impedance (typical)


Similar Part No. - SL1914AKG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1914A MITEL-SL1914A Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
More results

Similar Description - SL1914AKG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
SL2150F ZARLINK-SL2150F Datasheet
932Kb / 20P
   Front End Power Splitter with AGC
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com