Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3073 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3073
Description  Small Signal Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3073 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3073 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small Signal Transistors
TO-18 Case (Continued)
www.centr alsemi.com
TYPE NO.
DESCRIPTION
BVCBO BVCEO BVEBO ICBO @VCB
hFE
@
IC @ VCE VCE (SAT) @ IC Cob
fT
NF
ton
toff
(V)
(V)
(V)
(
µµA)
(V)
(mA)
(V)
(V)
(mA)
(pF)
(MHz)
(dB)
(ns)
(ns)
MIN
MIN
MIN
MAX
MIN
MAX
MAX
MAX
MIN
MAX
MAX
MAX
2N2896
NPN AMPL/SWITCH
140
90
7.0
- -
- -
60
200
150
10
0.5
500
15
120
- -
- -
- -
2N2897
NPN AMPL/SWITCH
60
45
7.0
- -
- -
50
200
150
10
0.5
500
15
100
- -
- -
- -
2N2906A PNP AMPL/SWITCH
60
60
5.0
0.01
50
40
120
150
10
0.4
150
8.0
200
- -
- -
180
2N2907A PNP AMPL/SWITCH
60
60
5.0
0.01
50
100
300
150
10
0.4
150
8.0
200
- -
- -
180
2N2952
NPN AMPL/SWITCH
60
20
5.0
0.1
50
20
- -
150
10
0.5
150
8.0
200
- -
- -
- -
2N3009
NPN SAT SWITCH
40
15
4.0
0.5*
20
30
120
30
0.4
0.5
300
5.0
350
- -
15
25
2N3011
NPN SAT SWITCH
30
12
5.0
0.4*
20
30
120
10
0.35
0.5
100
4.0
400
- -
15
20
2N3012
PNP SAT SWITCH
12
12
4.0
0.08*
6.0
30
120
30
0.5
0.2
30
6.0
400
- -
60
75
2N3013
NPN SAT SWITCH
40
15
5.0
0.3*
20
30
120
30
0.4
0.5
300
5.0
350
- -
15
25
2N3014
NPN SAT SWITCH
40
20
5.0
0.3*
20
30
120
30
0.4
0.35
100
5.0
350
- -
16
25
2N3073
PNP AMPL/SWITCH
60
60
4.0
0.01*
30
30
130
50
1.0
0.25
50
10
130
- -
40
100
2N3115
NPN AMPL/SWITCH
20
20
5.0
- -
- -
40
120
150
10
0.5
150
8.0
250
- -
- -
- -
2N3116
NPN AMPL/SWITCH
20
20
5.0
- -
- -
100
300
150
10
0.5
150
8.0
250
- -
- -
- -
2N3117
NPN AMPL/SWITCH
60
60
6.0
0.01
45
250
500
0.01
10
0.35
1.0
4.5
60
- -
- -
- -
2N3121
PNP AMPL/SWITCH
45
45
4.0
0.01
30
30
- -
150
10
0.5
150
10
130
- -
- -
- -
2N3135
PNP AMPL/SWITCH
50
35
4.0
0.05
30
40
- -
150
10
0.5
150
10
200
- -
- -
- -
2N3136
PNP AMPL/SWITCH
50
35
4.0
0.05
30
100
300
150
10
0.6
150
10
200
- -
- -
- -
2N3209
PNP SAT SWITCH
20
20
4.0
0.08
10
25
- -
10
0.3
0.15
10
5.0
400
- -
60
90
2N3210
NPN SAT SWITCH
40
15
5.0
- -
- -
30
120
10
5.0
0.5
100
4.0
400
- -
15
20
2N3241A NPN AMPL/SWITCH
30
25
7.5
100
25
100
200
10
10
0.25
200
20
50
10
- -
- -
2N3242A NPN AMPL/SWITCH
40
40
8.0
10
25
125
300
10
10
0.3
300
20
50
6.0
- -
- -
2N3246
NPN LOW NOISE
60
40
10
0.10
40
400
- -
1.0
5.0
0.5
5.0
5.0
60
2.0
- -
- -
2N3248
PNP SAT SWITCH
15
12
5.0
0.05
10
50
150
10
1.0
0.125
10
8.0
250
- -
15
20
2N3249
PNP SAT SWITCH
15
12
5.0
0.05
10
100
300
10
1.0
0.25
10
8.0
300
- -
15
20
2N3250A PNP AMPL/SWITCH
60
60
5.0
0.02
40
50
150
10
1.0
0.25
10
6.0
250
- -
35
50
2N3251A PNP AMPL/SWITCH
60
60
5.0
0.02
40
100
300
10
1.0
0.25
10
6.0
300
- -
35
50
2N3301
NPN AMPL/SWITCH
60
30
5.0
0.01
50
40
120
150
10
0.22
150
8.0
250
- -
- -
- -
2N3302
NPN AMPL/SWITCH
60
30
5.0
0.01
50
100
300
150
10
0.22
150
8.0
250
- -
- -
- -
2N3496
PNP AMPL/SWITCH
80
80
4.0
0.1
50
40
- -
10
10
0.3
10
7.0
200
- -
- -
- -
2N3497
PNP AMPL/SWITCH
120
120
4.0
0.1
90
40
- -
10
10
0.35
10
6.0
150
- -
- -
- -
2N3504
PNP AMPL/SWITCH
45
45
5.0
- -
- -
100
300
150
10
0.25
50
8.0
200
- -
- -
- -
2N3505
PNP AMPL/SWITCH
60
60
5.0
0.01
30
100
300
150
10
0.4
150
8.0
200
- -
- -
- -
2N3545
PNP SAT SWITCH
20
20
5.0
- -
- -
40
120
10
1.0
0.5
100
8.0
250
- -
60
90
2N3546
PNP SAT SWITCH
15
12
4.5
0.01
10
30
120
10
1.0
0.5
100
6.0
700
- -
40
30
2N3547
PNP LOW NOISE
60
60
6.0
0.025
45
100
500
1.0
5.0
1.0
10
8.0
45
5.0
- -
- -
2N3548
PNP LOW NOISE
60
45
6.0
0.01
45
100
300
0.01
5.0
1.0
10
8.0
60
4.0
- -
- -
2N3549
PNP LOW NOISE
60
60
6.0
0.01
45
100
500
0.01
5.0
1.0
10
8.0
60
4.0
- -
- -
2N3550
PNP LOW NOISE
60
45
8.0
0.01
45
200
600
0.01
5.0
0.5
5.0
8.0
60
4.0
- -
- -
*ICES
**ICEV
(6-December 2004)


Similar Part No. - 2N3073

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3073 NJSEMI-2N3073 Datasheet
152Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
More results

Similar Description - 2N3073

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BFR1 CENTRAL-BFR1 Datasheet
33Kb / 1P
   Small Signal Transistors
BUY68 CENTRAL-BUY68 Datasheet
56Kb / 1P
   Small Signal Transistors
2N5785 CENTRAL-2N5785 Datasheet
56Kb / 1P
   Small Signal Transistors
PN5133 CENTRAL-PN5133 Datasheet
56Kb / 1P
   Small Signal Transistors
2N3576 CENTRAL-2N3576 Datasheet
534Kb / 1P
   Small Signal Transistors
2N5183 CENTRAL-2N5183 Datasheet
33Kb / 1P
   Small Signal Transistors
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
   Small Signal Transistors
BFX88 CENTRAL-BFX88 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2309 NJSEMI-2N2309 Datasheet
81Kb / 1P
   Small Signal Transistors
logo
Central Semiconductor C...
2N3402 CENTRAL-2N3402 Datasheet
54Kb / 1P
   Small Signal Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com