Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-2179 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HDSP-2179
Description  Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2179 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2179 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDSP-2179 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
driving of eight 5 x 7 dot matrix
characters. The major user
accessible portions of the display
are listed below:
Flash RAM, a 128 character ASCII
decoder, a 16 character UDC
RAM, a UDC Address Register, a
Control Word Register, and the
refresh circuitry necessary to
synchronize the decoding and
Character Ram
Figure 2 shows the logic levels
needed to access the
HDSP-213X Character RAM.
During a normal access the CE =
"0" and either RD = "0" or WR =
"0". However, erroneous data may
be written into the Character RAM
if the Address lines are unstable
when CE = "0" regardless of the
logic levels of the RD or WR lines.
Address lines A
0-A2 are used to
select the location in the Charac-
ter RAM. Two types of data can
be stored in each Character RAM
location: an ASCII code or a UDC
RAM address. Data bit D
7 is used
to differentiate between an ASCII
character and a UDC RAM
address. D
7 = 0 enables the ASCII
decoder and D
7 = 1 enables the
UDC RAM. D
0-D6 are used to
input ASCII data and D
0-D3 are
used to input a UDC address.
Figure 2. Logic Levels to Access the Character RAM.
Character RAM
This RAM stores either ASCII character data or a UDC RAM address.
Flash RAM
This is a 1 x 8 RAM which stores Flash data.
User-Defined Character
This RAM stores the dot pattern for custom characters.
RAM (UDC RAM)
User-defined Character
This register is used to provide the address to the UDC RAM when
Address Register
the user is writing or reading a custom character.
(UDC Address Register)
Control Word Register
This register allows the user to adjust the display brightness, flash
individual characters, blink, self test or clear the display.
Display Internal Block
Diagram
Figure 1 shows the internal block
diagram of the HDSP-213X/-2179
display. The CMOS IC consists of
an 8 byte Character RAM, an 8 bit


Similar Part No. - HDSP-2179

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2179 AVAGO-HDSP-2179 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDSP-2179 BOARDCOM-HDSP-2179 Datasheet
859Kb / 18P
   Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
More results

Similar Description - HDSP-2179

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2131 AVAGO-HDSP-2131 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Broadcom Corporation.
HDSP-2131 BOARDCOM-HDSP-2131 Datasheet
859Kb / 18P
   Eight-Character 5.0-mm (0.2-in.) Glass/Ceramic Intelligent 5 횞 7 Alphanumeric Displays for Military Applications
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com