Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62LV2568LL-70H Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS62LV2568LL-70H
Description  256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV2568LL-70H Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS62LV2568LL-70H Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62LV2568LL-70H Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IS62LV2568LL
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
Rev. B
05/03/00
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
2.0
3.6
V
IDR
Data Retention Current
Vcc = 2.0V,
CE1
≥ Vcc – 0.2V
Com.
2µA
Ind.
5µA
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
ns
DATA RETENTION WAVEFORM (
CE1 Controlled)
VCC
CE1
≥ VCC Ð 0.2V
tSDR
tRDR
VDR
CE1
GND
3.0V
2.2V
Data Retention Mode
DATA RETENTION WAVEFORM (CE2 Controlled)
VCC
CE2
≤ 0.2V
tSDR
tRDR
VDR
0.4V
CE2
GND
3.0
2.2V
Data Retention Mode


Similar Part No. - IS62LV2568LL-70H

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV2568LL-70H ICSI-IS62LV2568LL-70H Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL-70HI ICSI-IS62LV2568LL-70HI Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results

Similar Description - IS62LV2568LL-70H

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
   256K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Samsung semiconductor
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
Taiwan Memory Technolog...
T15V4M16A TMT-T15V4M16A Datasheet
90Kb / 12P
   256K X 16 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com