Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM54V16273 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM54V16273
Description  262,144-Word x 16-Bit Multiport DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V16273 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM54V16273 Datasheet HTML 5Page - OKI electronic componets MSM54V16273 Datasheet HTML 6Page - OKI electronic componets MSM54V16273 Datasheet HTML 7Page - OKI electronic componets MSM54V16273 Datasheet HTML 8Page - OKI electronic componets MSM54V16273 Datasheet HTML 9Page - OKI electronic componets MSM54V16273 Datasheet HTML 10Page - OKI electronic componets MSM54V16273 Datasheet HTML 11Page - OKI electronic componets MSM54V16273 Datasheet HTML 12Page - OKI electronic componets MSM54V16273 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
¡ Semiconductor
MSM54V16273
9/42
Notes:
1. Exposure beyond the "Absolute Maximum Ratings" may cause permanent damage
to the device.
2. All voltages are referenced to VSS.
3. These parameters depend on the cycle rate.
4. These parameters depend on output loading. Specified values are obtained with the
output open.
5. An initial pause of 200 ms is required after power up followed by any 8 RAS cycles
(TRG = "high") and any 8 SC cycles before proper device operation is achieved.
In the case of using an internal refresh counter, a minimum of 8 CAS before RAS
cycles instead of 8 RAS cycles are required.
6. AC measurements assume tT = 5 ns.
7. VIH (Min.) and VIL (Max.) are reference levels for measuring timing of input signals.
Also, transition times are measured between VIH and VIL.
8. RAM port outputs are measured with a load equivalent to 1 TTL load and 50 pF.
DOUT reference levels : VOH/VOL = 2.0 V/0.8 V.
9. SAM port outputs are measured with a load equivalent to 1 TTL load and 30 pF.
DOUT reference levels : VOH/VOL = 2.0 V/0.8 V.
10. tOFF (Max.), tOEZ (Max.), tSDZ (Max.) and tSEZ (Max.) define the time at which the
outputs achieve the open circuit condition, and are not referenced to output voltage
levels. This parameter is sampled and not 100% tested.
11. Either tRCH or tRRH must be satisfied for a read cycle.
12. These parameters are referenced to CAS leading edge of early write cycles, and to
WE leading edge in TRG controlled write cycles and read modify write cycles.
13. tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters.
They are included in the data sheet as electrical characteristics only.
If tWCS ≥ tWCS (Min.), the cycle is an early write cycle, and the data out pin will
remain open circuit throughout the entire cycle; If tRWD ≥tRWD (Min.), tCWD ≥ tCWD
(Min.) and tAWD ≥ tAWD (Min.), the cycle is a read modify write cycle, and the data
out will contain data read from the selected cell; If neither of the above sets of
conditions are satisfied, the condition of the data out is indeterminate.
14. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only: If tRCD is greater than the specified
tRCD (Max.) limit, then access time is controlled by tCAC.
15. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD
(Max.) is specified as a reference point only: If tRAD is greater than the specified tRAD
(Max.) limit, then access time is controlled by tAA.
16. Input levels at the AC testing are 3.0 V/0 V.
17. Address (A0 - A8) may be changed two times or less while RAS = VIL.
18. Address (A0 - A8) may be changed once or less while CAS = VIH and RAS = VIL.
19. This is guaranteed by design. (tSOH/tCOH = tSCA/tCAC - output transition time)
This parameter is not 100% tested.


Similar Part No. - MSM54V16273

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
More results

Similar Description - MSM54V16273

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416273 OKI-MSM5416273 Datasheet
391Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416283 OKI-MSM5416283 Datasheet
391Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com