Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR1532 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFBR1532
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR1532 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFBR1532 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR1532 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Transmitter Electrical/Optical Characteristics 0
°C to 70°C unless otherwise specified.
Parameter
Symbol
Min.
Typ.[5]
Max.
Units
Conditions
Ref.
Transmitter Output
PT
-16.5
-7.6
dBm
IFdc = 60 mA
Notes 1, 2
-14.3
-8.0
dBm
IFdc = 60 mA, 25°C
Output Optical Power
∆P
T /∆T
-0.85
%/
°C
Temperature Coefficient
Peak Emission
λ
PK
660
nm
Wavelength
Forward Voltage
VF
1.45
1.67
2.02
V
IFdc = 60 mA
Forward Voltage
∆V
F/∆ T
-1.37
mV/
°C
Fig. 9
Temperature Coefficient
Effective Diameter
D
1
mm
Numerical Aperture
NA
0.5
Reverse Input Breakdown
VBR
5.0
11.0
V
IFdc = 10 µA,
Voltage
TA = 25°C
Diode Capacitance
CO
86
pF
VF = 0, f = MHz
Rise Time
tr
80
ns
10% to 90%,
Note 3
Fall Time
tf
40
ns
Notes:
1. Measured at the end of 0.5 m standard fiber optic cable with large area detector.
2. Optical power, P (dBm) = 10 Log [P(
µW)/1000 µW].
3. Rise and fall times are measured with a voltage pulse driving the transmitter and a series connected 50
Ω load. A wide bandwidth
optical to electrical waveform analyzer, terminated to a 50
Ω input of a wide bandwidth oscilloscope, is used for this response time
measurement.
IF = 60 mA
Figure 9. Typical Forward Voltage vs. Drive Current.
Figure 10. Normalized Typical Output Power vs. Drive
Current.
Optical Power
2
1.8
1.6
1.4
IFdc – TRANSMITTER DRIVE CURRENT (mA)
10
1.7
1.5
100
70°C
25°C
0°C
2
5
-5
-20
IFdc – TRANSMITTER DRIVE CURRENT (mA)
10
0
-15
100
-10


Similar Part No. - HFBR1532

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR1402C HP-HFBR1402C Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402HA HP-HFBR1402HA Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402HB HP-HFBR1402HB Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402K HP-HFBR1402K Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402M HP-HFBR1402M Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
More results

Similar Description - HFBR1532

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com