Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6BK-2074CUS12VDC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G6BK-2074CUS12VDC
Description  Sub-miniature Relay that Switches up to 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G6BK-2074CUS12VDC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G6BK-2074CUS12VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6BK-2074CUS12VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6BK-2074CUS12VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6BK-2074CUS12VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6BK-2074CUS12VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6BK-2074CUS12VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6BK-2074CUS12VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
65
PCB Power Relay – G6B
Specifications
Coil Ratings
Single-side Stable Type
Item
SPST-NO
SPST-NO + SPST-NC, DPST-NO, DPST-NC
Rated voltage
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
Rated current
67 mA
40 mA
33.3 mA
16.7 mA
8.3 mA
100 mA
60 mA
50 mA
25 v
12.5 mA
Coil resistance
45 Ω
125 Ω
180 Ω
720 Ω
2,880 Ω
30 Ω
83.3 Ω
120 Ω
480 Ω
1,920 Ω
0.20
0.28
0.31
1.2
4.9
0.18
0.26
0.28
1.1
4.1
Must operate voltage
70% max. of rated voltage
80% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
160% of rated voltage (at 23°C)
140% of rated voltage (at 23°C)
Power consumption
Approx. 200 mW
Approx. 300 mW
Coil inductance Armature OFF
(H) (ref. value)
Armature ON
Rated voltage
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
Rated current
67 mA
40 mA
33.3 mA
16.7 mA
8.3 mA
Coil resistance
45 Ω
125 Ω
180 Ω
720 Ω
2,880 Ω
Coil inductance Armature OFF 0.20
0.28
0.31
1.2
4.9
(H) (ref. value)
Armature ON
0.18
0.26
0.28
1.1
4.1
Must operate voltage
70% max. of rated voltage
Must release voltage
70% min. of rated voltage
Max. voltage
160% of rated voltage (at 23°C)
Power consumption
Approx. 200 mW
Single-winding Latching Type
Double-winding Latching Type
Rated voltage
3 VDC
5 VDC
6 VDC
12 VDC
24 VDC
Set coil
Rated current
93.2 mA
56 mA
46.8 mA
23.3 mA
11.7 mA
Coil resistance
32.2 Ω
89.2 Ω
128.5 Ω
515 Ω
2,060 Ω
Coil inductance
Armature OFF
0.11
0.15
0.18
0.52
1.2
(H) (ref. value)
Armature ON
0.11
0.15
0.18
0.52
1.2
Reset coil
Rated current
93.2 mA
56 mA
46.8 mA
23.3 mA
11.7 mA
Coil resistance
32.2 Ω
89.2 Ω
128.5 Ω
515 Ω
2,060 Ω
Coil inductance
Armature OFF
0.11
0.15
0.18
0.52
1.2
(H) (ref. value)
Armature ON
0.11
0.15
0.18
0.52
1.2
Must set voltage
70% max. of rated voltage
Must reset voltage
70% min. of rated voltage
Max. voltage
130% of rated voltage (at 23°C)
Power consumption
Set coil: Approx. 280 mW
Reset coil: Approx. 280 mW
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C.


Similar Part No. - G6BK-2074CUS12VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6BK-2074CUSP6B12VDC OMRON-G6BK-2074CUSP6B12VDC Datasheet
285Kb / 7P
   PCB Relay
G6BK-2074CUSP6B25VDC OMRON-G6BK-2074CUSP6B25VDC Datasheet
285Kb / 7P
   PCB Relay
G6BK-2074CUSP6B5VDC OMRON-G6BK-2074CUSP6B5VDC Datasheet
285Kb / 7P
   PCB Relay
G6BK-2074CUSP6B6VDC OMRON-G6BK-2074CUSP6B6VDC Datasheet
285Kb / 7P
   PCB Relay
More results

Similar Description - G6BK-2074CUS12VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
P6B-06P OMRON-P6B-06P Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
   Sub-miniature Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com