Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC114 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC114
Description  Quad, Low Power Video Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC114 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC114 Datasheet HTML 2Page - National Semiconductor (TI) CLC114 Datasheet HTML 3Page - National Semiconductor (TI) CLC114 Datasheet HTML 4Page - National Semiconductor (TI) CLC114 Datasheet HTML 5Page - National Semiconductor (TI) CLC114 Datasheet HTML 6Page - National Semiconductor (TI) CLC114 Datasheet HTML 7Page - National Semiconductor (TI) CLC114 Datasheet HTML 8Page - National Semiconductor (TI) CLC114 Datasheet HTML 9Page - National Semiconductor (TI) CLC114 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Performance Characteristics (Continued)
Application Division
Operation
The CLC114 is a quad, low power, high speed, unity gain
buffer. The closed loop topology provides accuracy not found
in open loop designs. The input stage incorporates a slew
enhancement circuit which allows low quiescent power with-
out sacrificing AC performance.
PC Board Layout and Crosstalk
High frequency devices demand a good printed circuit board
layout for optimum performance. The CLC114, with power
gain to 200 MHz, is no exception. A ground plane and power
supply bypassing with good high frequency ceramic capaci-
tors in close proximity to the supply pins is essential. Second
harmonic distortion can be improved by ensuring equal cur-
rent return paths for both the positive and negative supplies.
This can be accomplished by grounding the bypass capaci-
tors at the same point in the ground plane while keeping the
power supply side of the bypass capacitors within 0.1” of the
CLC114 supply pins.
Crosstalk (undesired signal coupling between buffer chan-
nels) is strongly dependent on board layout. Closely spaced
signal traces on the circuit board will degrade crosstalk due
to interface capacitance. For this reason it is recommended
that unused package pins (2, 4, 6, 11) be connected to the
ground plane for better channel isolation at the device pins.
Similarly, crosstalk can be improved by using a grounded
guard trace between signal traces. This will reduce the dis-
tributed capacitance between signal lines.
Following are two graphs depicting the effects of crosstalk.
All-hostile crosstalk is measured by driving three of the four
buffers simultaneously while observing the fourth, undriven,
channel.
Figure 2, “All-hostile Crosstalk Isolation”, shows
this effect as a function of input signal frequency. R
L is the
resistive load for each driven channel.
Figure 3, “Most Sus-
ceptible Channel-to-Channel Pulse Coupling”, describes one
effect of crosstalk when one channel is driven with a 2V
PP
step (tr = 5ns) while the output of the undriven channel is
measured. From
Figure 2 it can be observed that crosstalk
decreases as the signal frequency is reduced. Similarly, the
pulse coupling crosstalk will decrease as the rise time in-
creases.
Evaluation Board
An evaluation board for the CLC114 is available. This board
maybe ordered as part CLC730023.
Equivalent Input Noise
DS012738-16
2nd and 3rd Harmonic Distortion
DS012738-17
2-Tone, 3rd Order Intermodulation Intercept
DS012738-18
www.national.com
7


Similar Part No. - CLC114

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AI NSC-CLC110AI Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJE NSC-CLC110AJE Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJP NSC-CLC110AJP Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AM NSC-CLC110AM Datasheet
305Kb / 6P
   Wideband, Closed-Loop Monolithic Buffer Amplifier
More results

Similar Description - CLC114

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
logo
Wolfson Microelectronic...
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
   Stereo Low-Power CODEC with Video Buffer
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
   Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
   Stereo Low-Power CODEC with Video Buffer
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
   Ultra low power video buffer,filter with power-down
logo
ON Semiconductor
74LVX125 ONSEMI-74LVX125 Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com