Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR1537 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFBR1537
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR1537 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFBR1537 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR1537 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
HFBR-0501 Series Part Number Guide
HFBR X5XX
1 = Transmitter
2 = Receiver
5 = 600 nm Transmitter and
Receiver Products
1 = 5 MBd High Performance Link
2 = 1 MBd High Performance Link
3 = 40 kBd Low Current/Extended Distance Link
2 = Horizontal Package
4 = 1 MBd Standard Link
3 = Vertical Package
6 = 155 MBd Receiver
7 = 155 MBd Transmitter
8 = 10 MBd High Performance Link
Link Selection Guide
(Links specified from 0 to 70
°C, for plastic optical fiber unless specified.)
Signal Rate
Distance (m) 25
°C
Distance (m)
Transmitter
Receiver
40 kBd
120
110
HFBR-1523
HFBR-2523
1 MBd
20
10
HFBR-1524
HFBR-2524
1 MBd
55
45
HFBR-1522
HFBR-2522
5 Mbd
30
20
HFBR-1521
HFBR-2521
Evaluation Kit
HFBR-0501 1 MBd Versatile Link:
This kit contains: HFBR-1524 Tx, HFBR-2524 Rx, polishing kit, 3 styles of plastic connectors, Bulkhead
feedthrough, 5 meters of 1 mm diameter plastic cable, lapping film and grit paper, and HFBR-0501 data
sheet.
Application Literature
Application Note 1035 (Versatile Link)
VALOX® is a registered trademark of the General Electric Corporation.
Package and Handling
Information
The compact Versatile Link pack-
age is made of a flame retardant
VALOX® UL 94 V-0 material
(UL file # E121562) and uses the
same pad layout as a standard,
eight pin dual-in-line package.
Vertical and horizontal mountable
parts are available. These low
profile Versatile Link packages
are stackable and are enclosed to
provide a dust resistant seal.
Snap action simplex, simplex
latching, duplex, and duplex
latching connectors are offered
with simplex or duplex cables.
Package Orientation
Performance and pinouts for the
vertical and horizontal packages
are identical. To provide addi-
tional attachment support for the
vertical Versatile Link housing,
the designer has the option of
using a self-tapping screw
through a printed circuit board
into a mounting hole at the
bottom of the package. For most
applications this is not necessary.
Package Housing Color
Versatile Link components and
simplex connectors are color
coded to eliminate confusion


Similar Part No. - HFBR1537

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR1402C HP-HFBR1402C Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402HA HP-HFBR1402HA Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402HB HP-HFBR1402HB Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402K HP-HFBR1402K Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR1402M HP-HFBR1402M Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
More results

Similar Description - HFBR1537

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com