Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT3M322 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXT3M322
Description  MPPS Miniature Package Power Solutions 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT3M322 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXT3M322 Datasheet HTML 1Page - Zetex Semiconductors ZXT3M322 Datasheet HTML 2Page - Zetex Semiconductors ZXT3M322 Datasheet HTML 3Page - Zetex Semiconductors ZXT3M322 Datasheet HTML 4Page - Zetex Semiconductors ZXT3M322 Datasheet HTML 5Page - Zetex Semiconductors ZXT3M322 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXT3M322
ISSUE 2 - JUNE 2002
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-50
-80
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-40
-70
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-7.5
-8.5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-25
nA
VCB=-40V
Emitter Cut-Off Current
IEBO
-25
nA
VEB=-6V
Collector Emitter Cut-Off Current
ICES
-25
nA
VCES=-32V
Collector-Emitter Saturation
Voltage
VCE(sat)
-25
-150
-195
-210
-260
-40
-220
-300
-300
-370
mV
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
IC=-1A, IB=-50mA*
IC=-1.5A, IB=-100mA*
IC=-2A, IB=-200mA*
IC=-2.5A, IB=-250mA*
Base-Emitter Saturation Voltage
VBE(sat)
-0.97
-1.05
V
IC=-2.5A, IB=-250mA*
Base-Emitter Turn-On Voltage
VBE(on)
-0.89
-0.95
V
IC=-2.5A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
300
300
180
60
12
480
450
290
130
22
IC=-10mA, VCE=-2V*
IC=-0.1A, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-1.5A, VCE=-2V*
IC=-3A, VCE=-2V*
Transition Frequency
fT
150
190
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
19
25
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
40
ns
VCC=-15V, IC=-0.75A
IB1=IB2=-15mA
Turn-Off Time
t(off)
435
ns
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%


Similar Part No. - ZXT3M322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT3M322TA DIODES-ZXT3M322TA Datasheet
389Kb / 6P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT3M322TC DIODES-ZXT3M322TC Datasheet
389Kb / 6P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT3M322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT1M322 DIODES-ZXT1M322 Datasheet
406Kb / 6P
   MPPS??Miniature Package Power Solutions 12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832_07 Datasheet
205Kb / 6P
   MPPS??Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTDC3M832 ZETEX-ZXTDC3M832 Datasheet
266Kb / 8P
   MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com