Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6B-2074PUS24VDC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # G6B-2074PUS24VDC
Description  Sub-miniature Relay that Switches up to 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G6B-2074PUS24VDC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  G6B-2074PUS24VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6B-2074PUS24VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6B-2074PUS24VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6B-2074PUS24VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6B-2074PUS24VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6B-2074PUS24VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6B-2074PUS24VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
68
PCB Power Relay – G6B
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Orientation marks are indicated as follows:
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
G6B-1114P-US
G6BU-1114P-US
G6BU-1114P, -1114C
G6B-1114P, -1114C
G6BU-1114P, -1114C
G6B-1114C-US
G6BU-1114C-US
10 max.
(9.8)*
0.3
3.5
0.5
20 max.
0.8
0.4
10 max.
G6B-1114P, -1114C
0.3
3.5
0.8
0.4
3.2
7.62
10.16
7.62
(1.1)
(1.2)
Four, 1.1-dia. holes
6
1
34
-
+
6
1
34
-
+
S R
+
-
(19.9)*
*Average value
(9.9)*
10 max.
(9.9)*
10 max.
(9.8)*
*Average value
G6BK-1114P-US
G6BK-1114P, -1114C
G6BK-1114P, -1114C
G6BK-1114C-US
0.3
3.5
0.8
0.4
0.3
3.5
0.8
0.4
3.2
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
7.62
7.62
2.54
7.62
(1.1)
(1.2)
Six, 1.1-dia. holes
6
1
34
-
+
S
7
2 -
+
R
10 max.
(9.8)*
10 max.
(9.8)*
10 max.
(9.9)*
10 max.
(9.9)*
*Average value
*Average value
Terminal Arrangement/Internal
Connections (Bottom View)
G6B-1174P-US
G6B-1174C-US
*Average value
*Average value
Mounting Holes
(Bottom View)
G6B-1174P, -1174C
7.62
10.16
7.62
(1.1)
(1.2)
Four, 1.1-dia. holes
12.5 max.
(12.45)*
12.5 max.
(12.45)*
0.65
0.65
3.5
3.2
0.45
0.45
20.2 max.
(20.0)*
20.2 max.
(20.0)*
10 max.
(9.9)*
10 max.
(9.9)*
0.4
0.4
0.8
0.8
3.5


Similar Part No. - G6B-2074PUS24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-2014C-US OMRON-G6B-2014C-US Datasheet
611Kb / 10P
   Power PCB Relay
G6B-2014C-US OMRON-G6B-2014C-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
G6B-2014C-US OMRON-G6B-2014C-US Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
G6B-2014P-FD-US-U OMRON-G6B-2014P-FD-US-U Datasheet
1Mb / 10P
   High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
611Kb / 10P
   Power PCB Relay
More results

Similar Description - G6B-2074PUS24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
P6B-06P OMRON-P6B-06P Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
   Sub-miniature Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com