Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400WA10M12.5X16 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 400WA10M12.5X16
Description  Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

400WA10M12.5X16 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 400WA10M12.5X16 Datasheet HTML 2Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 3Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 4Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 5Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 6Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 7Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 8Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 9Page - ON Semiconductor 400WA10M12.5X16 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AND8098/D
http://onsemi.com
6
The proposed buck-boost is better in term of the standby
ability. It is because the VCC charging current in Figure 2(b)
only passes through the inductor. The charging current
pulses become an averaged energy stored in the inductor and
consume smaller amount of power comparing to the buck
case.
Figure 7. Auxiliary Winding to improve standby
Abillity
(a) Buck
(b) Buck-boost
The auxiliary winding to supply the VCC voltage in Figure
7 is a method to improve the standby ability. The auxiliary
winding keeps the VCC voltage above 7.5 V and disable the
VCC charging current and hence its standby loss. The
auxiliary winding is coupled from the inductor L with
polarity same as the regulated output voltage. The VCC
voltage in the auxiliary winding is designed to be between
the normal VCC limits of 7.5 and 8.5 V typically. The
frequency jittering feature loses when the VCC voltage is
fixed. When output is shorted, there will be no voltage
coming from the auxiliary winding and the circuit will enter
fault mode with the 4.5 V-8.5 V-7.5 V-4.5 V hysteresis
loop.
Another method to supply the VCC voltage is coupling
capacitor technique in Figure 8. The output voltage is
coupled to the inserted capacitor when the diodes are closed.
The voltage drop of the diodes compensate each other.
Hence, the diode voltage drop effect can be neglected. The
NCP1052 needs a nominal VCC voltage of 8V. The inserted
resistor consumes some voltage from the output voltage Vout
to make a 8V to the VCC pin. Based on the 0.5mA typical
current consumption of VCC pin. The inserted resistance
value is (Vout - 8) / 0.5 k
W.
Figure 8. Coupling Capacitor Technique to
Improve Standby Abillity
(a) Buck
(b) Buck-boost
Temperature Rise
The NCP1052 is a very compact package with the control
circuit and high-voltage power switch. Its typical on
resistance is 22
Ω. Temperature rise exists. It is
recommended to design the PCB board with a large copper
area next to the device as a heatsink. This heatsink decreases


Similar Part No. - 400WA10M12.5X16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400WC ETC-400WC Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
logo
SiPower Inc.
400WP4KE SIPOWER-400WP4KE Datasheet
955Kb / 4P
   Transisient Voltage Supressor
logo
Yea Shin Technology Co....
400WTransient YEASHIN-400WTransient Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RUBYCON CORPORATION
400WXA10M125X16 RUBYCON-400WXA10M125X16 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
400WXA10M16X16 RUBYCON-400WXA10M16X16 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400WA10M12.5X16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759DB VISHAY-SIP1759DB Datasheet
456Kb / 5P
   100 mA Buck-Boost Regulator Demonstration Board
Rev. A, 31-Jul-06
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
   High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
FSP TECHNOLOGY INC.
FP1500 FSP-FP1500 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
CP750 FSP-CP750 Datasheet
68Kb / 1P
   Boost and Buck AVR for voltage stabilization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com