Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2522 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR-2522
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-2522 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR-2522 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-2522 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Receiver Electrical/Optical Characteristics
0
°C to 70°C, 4.75 V ≤ V
CC ≤ 5.25 V unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Ref.
Input Optical Power
PR(L)
–21.6
–9.5
dBm
VOL = 0.5 V
Notes 1,
Level for Logic “0”
IOL = 8 mA
2, 4
–21.6
–8.7
VOL = 0.5 V
IOL = 8 mA, 25°C
Input Optical Power
PR(H)
–43
dBm
VOL = 5.25 V
Note 1
Level for Logic “1”
IOH ≤ 250 µA
High Level Output Current
IOH
5
250
µAV
O = 18 V, PR = 0
Note 3
Low Level Output Current
VOL
0.4
0.5
V
IOL = 8 mA,
Note 3
PR = PR(L)MIN
High Level Supply
ICCH
3.5
6.3
mA
VCC = 5.25 V,
Note 3
Current
PR = 0
Low Level Supply Current
ICCL
6.2
10
mA
VCC = 5.25 V
Note 3
PR = -12.5 dBm
Effective Diameter
D
1
mm
Numerical Aperture
NA
0.5
Internal Pull-up Resistor
RL
680
1000
1700
Notes:
1. Optical flux, P (dBm) = 10 Log [P (
µW)/1000 µW].
2. Measured at the end of the fiber optic cable with large area detector.
3. RL is open.
4. Pulsed LED operation at IF > 80 mA will cause increased link tPLH propagation delay time. This extended tPLH time contributes to
increased pulse width distortion of the receiver output signal.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage Temperature
TS
–40
+85
°C
Operating Temperature
TA
–40
+85
°C
Lead Soldering Cycle
Temp.
260
°C
Note 1
Time
10
sec
Supply Voltage
VCC
–0.5
7
V
Note 2
Output Collector Current
IOAV
25
mA
Output Collector Power Dissipation
POD
40
mW
Output Voltage
VO
–0.5
18
V
Pull-up Voltage
VP
–5
VCC
V
Fan Out (TTL)
N
5
Notes:
1. 1.6 mm below seating plane.
2. It is essential that a bypass capacitor 0.01
µF be connected from pin 2 to pin 3 of the receiver. Total lead length between both ends
of the capacitor and the pins should not exceed 20 mm.
Pin #
Function
1VO
2
Ground
3VCC
4RL
5
Do not connect
8
Do not connect
Note: Pins 5 and 8 are for mounting and
retaining purposes only. Do not
electrically connect these pins.
HFBR-25X1 Receiver
4
3
2
1
DO NOT CONNECT
5
DO NOT CONNECT
8
RL
VCC
GROUND
VO
1000


Similar Part No. - HFBR-2522

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522 AVAGO-HFBR-2522 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ET AVAGO-HFBR-2522ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Power Integrations, Inc...
HFBR-2522ETZ POWERINT-HFBR-2522ETZ Datasheet
219Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-22
HFBR-2522ETZ POWERINT-HFBR-2522ETZ Datasheet
238Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-02-25
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-2522

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com