Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1523 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-1523
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1523 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-1523 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1523 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
when making connections.
Receivers are blue and transmit-
ters are gray, except for the
HFBR-15X3 transmitter, which is
black.
Handling
Versatile Link components are
auto-insertable. When wave
soldering is performed with
Versatile Link components, the
optical port plug should be left in
to prevent contamination of the
port. Do not use reflow solder
processes (i.e., infrared reflow or
vapor-phase reflow).
Nonhalogenated water soluble
fluxes (i.e., 0% chloride), not
rosin based fluxes, are recom-
mended for use with Versatile
Link components.
Versatile Link components are
moisture sensitive devices and
are shipped in a moisture sealed
bag. If the components are
exposed to air for an extended
period of time, they may require
a baking step before the solder-
ing process. Refer to the special
labeling on the shipping tube for
details.
Recommended Chemicals for
Cleaning/Degreasing
Alcohols:
methyl, isopropyl,
isobutyl. Aliphatics: hexane,
heptane, Other: soap solution,
naphtha.
Do not use
partially halogenated
hydrocarbons such as 1,1.1
trichloroethane, ketones such as
MEK, acetone, chloroform, ethyl
acetate, methylene dichloride,
phenol, methylene chloride, or N-
methylpyrolldone. Also, Agilent
does not recommend the use of
cleaners that use halogenated
hydrocarbons because of their
potential environmental harm.
6.8
(0.270)
10.2
(0.400)
4.2
(0.165)
1.27
(0.050)
2.5
(0.100)
0.51
(0.020)
18.8
(0.740)
2.0
(0.080)
7.71
(0.305)
0.64
(0.025)
7.62
(0.300)
2.8
(0.109)
1.85
(0.073)
0.64 (0.025) DIA.
5.1
(0.200)
3.81 (0.150) MAX.
3.56 (0.140) MIN.
Mechanical Dimensions
Horizontal Modules
Vertical Modules
18.8
0.740
7.6
(0.30)
7.6
(0.30)
Level
4
CAUTION
This bag contains
MOISTURE-SENSITIVE
DEVICES
1. Shelf life in sealed bag: 12 months at < 40
°C and < 90% Relative
Humidity (RH).
2. After this bag is opened, devices that will be subjected to wave
soldering, or equivalent processing (solder temperature < 260
°C for
10 sec) must be:
a) Mounted within 72 hours at factory conditions of
≤ 30°C/60% RH.
b) Stored at
≤ 20% RH.
3. Devices require baking, before mounting, if:
a) Desiccant changes to PINK.
b) If 2a or 2b are not met.
4. If baking is required, devices may be baked outside of tube for 20
hours at 75
°C.
Bag Seal Date: ______________________________________________________
(If blank, see barcode label)
Note: LEVEL defined by EIA JEDEC Standard J-STD-020


Similar Part No. - HFBR-1523

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1523 AVAGO-HFBR-1523 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1523Z AVAGO-HFBR-1523Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1523Z AVAGO-HFBR-1523Z Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-1523

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com