Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFIC1504R2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC1504R2
Description  INTERGRATED GPS DOWNCONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC1504R2 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC1504R2 Datasheet HTML 1Page - Motorola, Inc MRFIC1504R2 Datasheet HTML 2Page - Motorola, Inc MRFIC1504R2 Datasheet HTML 3Page - Motorola, Inc MRFIC1504R2 Datasheet HTML 4Page - Motorola, Inc MRFIC1504R2 Datasheet HTML 5Page - Motorola, Inc MRFIC1504R2 Datasheet HTML 6Page - Motorola, Inc MRFIC1504R2 Datasheet HTML 7Page - Motorola, Inc MRFIC1504R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MRFIC1504
2
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
5.0
Vdc
DC Supply Current
IDD
60
mA
Operating Ambient Temperature
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Lead Soldering Temperature Range (10 seconds)
260
°C
NOTE:
Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables.
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 3.3 V; TA = –40 to 85°C; Enable = 2.7 V unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
TOTAL DEVICE
Supply Voltage
VCC
2.7
3.0
3.3
V
Supply Current
(TA = 25°C, VCC = 2.7 V, Enable = 2.7 V)
ICC
28
36
mA
Supply Current
(TA = 25°C, VCC = 2.7 V, Enable = 0 V)
ICC
2.0
4.0
mA
RF AMPLIFIER
RF Input Frequency
fin
1575.42
MHz
Input Impedance
Zin
50
Input VSWR
VSWRin
2.0
Gain
G
13
15
dB
Noise Figure
NF
2.0
dB
1.0 dB Compression (Measured at Output)
P1dB
1.0
dBm
FIRST MIXER
Input Frequency
fin
1575.42
MHz
Gain
G
10
14
dB
Noise Figure
NF
13
dB
1.0 dB Compression (Measured at Output)
P1dB
–13
dBm
First Local Oscillator Frequency
fLO1
1636.8
MHz
First Intermediate Frequency
fIF1
61.38
MHz
LO Leakage at IF Port
–40
dBm
LO Leakage at RF Port
–50
dBm
Output Impedance
Zout
50
FIRST IF AMPLIFIER and SECOND MIXER
Input Frequency
fin
61.38
MHz
Imput Impedance
Zin
230
Output Impedance
Zout
50
Second Local Oscillator Frequency
fLO2
65.47
MHz
Second Intermediate Frequency
fIF2
4.092
MHz
LO Leakage at IF Port
–40
dBm
Gain
G
40
43
dB
Cascaded Noise Figure
NF
9.3
dB
1.0 dB Compression Point (Measured at Output)
P1dB
–13
dBm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRFIC1504R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
   1.6 GHz GaAs LOW NOISE AMPLIFIER
MRFIC1502 MOTOROLA-MRFIC1502 Datasheet
163Kb / 7P
   1.575 GHz GPS DOWNCONVERTER
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
   MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
logo
Freescale Semiconductor...
MRFIC1505AR2 FREESCALE-MRFIC1505AR2 Datasheet
135Kb / 8P
   MRFIC1505/MRFIC1505A Integrated GPS Downconverter
More results

Similar Description - MRFIC1504R2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
logo
Analog Devices
ADSST-GPSRF01 AD-ADSST-GPSRF01_15 Datasheet
336Kb / 16P
   GPS RF Downconverter
REV. 0
logo
Motorola, Inc
MRFIC1502 MOTOROLA-MRFIC1502 Datasheet
163Kb / 7P
   1.575 GHz GPS DOWNCONVERTER
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
   MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
List of Unclassifed Man...
KA2261 ETC1-KA2261 Datasheet
238Kb / 5P
   Linear Intergrated Circuit
KA2292 ETC1-KA2292 Datasheet
288Kb / 5P
   Linear Intergrated Circuit
logo
Samsung semiconductor
KA2916 SAMSUNG-KA2916 Datasheet
249Kb / 5P
   Linear intergrated circuit
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
   Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com