Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6BK-2114CUS24VDC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G6BK-2114CUS24VDC
Description  Sub-miniature Relay that Switches up to 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G6BK-2114CUS24VDC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G6BK-2114CUS24VDC Datasheet HTML 1Page - List of Unclassifed Manufacturers G6BK-2114CUS24VDC Datasheet HTML 2Page - List of Unclassifed Manufacturers G6BK-2114CUS24VDC Datasheet HTML 3Page - List of Unclassifed Manufacturers G6BK-2114CUS24VDC Datasheet HTML 4Page - List of Unclassifed Manufacturers G6BK-2114CUS24VDC Datasheet HTML 5Page - List of Unclassifed Manufacturers G6BK-2114CUS24VDC Datasheet HTML 6Page - List of Unclassifed Manufacturers G6BK-2114CUS24VDC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
67
PCB Power Relay – G6B
Approved Standards
UL508 (File No. E41643)/CSA C22.2 No.14 (File No. LR31928)
EN 61810-1 (VDE Reg No. 5361)/Connector EN 61984 (VDE Reg No. 125603)
Model
Contact form
Coil ratings
Contact ratings
G6B-1114P-US
SPST-NO
3 to 24 VDC
5 A, 250 VAC (general use)
G6B-1114C-US
5 A, 30 VDC (resistive load)
G6BU-1114P-US
G6BU-1114C-US
G6BK-1114P-US
G6BK-1114C-US
G6B-1174P-US
8 A, 250 VAC (general use)
G6B-1174C-US
8 A, 30 VDC (resistive load)
G6B-2114P-US
SPST-NO + SPST-NC
5 A, 250 VAC (general use)
G6B-2114C-US
DPST-NO
5 A, 30 VDC (resistive load)
G6B-2214P-US
DPST-NC
G6B-2214C-US
G6B-2014P-US
G6B-2014C-US
Engineering Data
G6B-1114P(C)-US
250 VAC/30 VDC
inductive load
(cosφ = 0.4, L/R = 7 ms)
G6B-1174P(C)-US
250 VAC/30 VDC
resistive load
G6B-1114P(C)-US
250 VAC/30 VDC resistive load
G6B-1114P-US
Maximum Switching Power
Switching voltage (V)
Endurance
Ambient Temperature vs.
Maximum Coil Voltage
G6B-2114P-US, G6B-2214P-US
G6B-2014P-US
Maximum Switching Power
Endurance
Switching current (A)
Ambient temperature (°C)
Switching voltage (V)
Switching current (A)
AC resistive load
AC inductive load
(cosφ = 0.4)
DC inductive load
(L/R = 7 ms)
DC resistive load
AC inductive load
(cosφ = 0.4)
AC resistive
load
DC resistive load
DC inductive load
(L/R = 7 ms)
G6B-2114P-US
G6B-2214P-US
G6B-2014P-US
G6B-1174P-US
G6B-1114P-US
250 VAC inductive load (cosφ = 0.4)
30 VDC inductive load (L/R = 7 ms)
250 VAC resistive load
30 VDC resistive load
Note: The maximum coil voltage refers to the maxi-
mum value in a varying range of operating
power voltage, not a continuous voltage.


Similar Part No. - G6BK-2114CUS24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6BK-2114CUSP6B12VDC OMRON-G6BK-2114CUSP6B12VDC Datasheet
285Kb / 7P
   PCB Relay
G6BK-2114CUSP6B25VDC OMRON-G6BK-2114CUSP6B25VDC Datasheet
285Kb / 7P
   PCB Relay
G6BK-2114CUSP6B5VDC OMRON-G6BK-2114CUSP6B5VDC Datasheet
285Kb / 7P
   PCB Relay
G6BK-2114CUSP6B6VDC OMRON-G6BK-2114CUSP6B6VDC Datasheet
285Kb / 7P
   PCB Relay
More results

Similar Description - G6BK-2114CUS24VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
P6B-06P OMRON-P6B-06P Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
   Sub-miniature Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com