Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM54V32126 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM54V32126
Description  131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V32126 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM54V32126 Datasheet HTML 1Page - OKI electronic componets MSM54V32126 Datasheet HTML 2Page - OKI electronic componets MSM54V32126 Datasheet HTML 3Page - OKI electronic componets MSM54V32126 Datasheet HTML 4Page - OKI electronic componets MSM54V32126 Datasheet HTML 5Page - OKI electronic componets MSM54V32126 Datasheet HTML 6Page - OKI electronic componets MSM54V32126 Datasheet HTML 7Page - OKI electronic componets MSM54V32126 Datasheet HTML 8Page - OKI electronic componets MSM54V32126 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
¡ Semiconductor
MSM54V32126/8
DC Characteristics
Average Power
Supply Current
(CAS before RAS Refresh)
RAS = cycling,
CAS before RAS
1, 2, 4
mA
110
130
ICC5
Average Power
Supply Current
(Fast Page Mode)
RAS = VIL,
CAS cycling,
tHPC = Min.
1, 2, 4
135
140
ICC4
mA
Input Leakage Current
Output High Voltage
Condition
Note
Average Power
Supply Current
(Operating)
Power Supply
Current (Standby)
Output Low Voltage
Output Leakage Current
Unit
Average Power
Supply Current
(RAS Only Refresh)
Parameter
IOH = –0.1 mA
IOL = 0.1 mA
0 V < VIN < VCC;
All other pins not
under test = 0 V
0 V < VOUT < 3.6 V
Output Disable
RAS, CAS cycling,
tRC = Min.
RAS, CAS VCC – 0.2 V
RAS = cycling,
CAS = VIH,
tRC = Min.
V
V
mA
mA
1, 2, 3
mA
mA
1, 2, 3
mA
Max.
VCC
0.8
10
10
110
850
110
Min.
2.0
0
–10
–10
Max.
VCC
0.8
10
10
130
850
130
Min.
2.0
0
–10
–10
Symbol
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
MSM54V32126/8
-60
MSM54V32126/8
-50
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C)
Average Power Supply
Current (CAS before RAS
Self-Refresh)
RAS = VIL,
CAS = VIL
1, 2
950
950
ICCS
mA
Notes:
1. Specified values are obtained with minimum cycle time.
2. ICC is dependent on output loading. Specified values are obtained with the output
open.
3. Address can be changed once or less while RAS = VIL.
4. Address can be changed once or less while CAS = VIH.


Similar Part No. - MSM54V32126

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-45GS-K OKI-MSM54V32126A-45GS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-45TS-K OKI-MSM54V32126A-45TS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-50GS-K OKI-MSM54V32126A-50GS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126A-50TS-K OKI-MSM54V32126A-50TS-K Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM54V32126

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
   131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com