Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARD6204HQ Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ARD6204HQ
Description  26.5GHz, 18GHz COAXIAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARD6204HQ Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ARD6204HQ Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARD6204HQ Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARD6204HQ Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARD6204HQ Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARD6204HQ Datasheet HTML 5Page - Nais(Matsushita Electric Works) ARD6204HQ Datasheet HTML 6Page - Nais(Matsushita Electric Works) ARD6204HQ Datasheet HTML 7Page - Nais(Matsushita Electric Works) ARD6204HQ Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RD
1
RD COAXIAL
SWITCHES
26.5GHz, 18GHz
COAXIAL SWITCH
∗ Transfer type is coming soon.
FEATURES
1. High frequency characteristics
(Impedance 50
Ω)
*: 18 to 26.5GHz characteristics can be applied
26.5GHz type only
2. SPDT and transfer type available
3. High sensitivity
Nominal operating power:
840 mW (SPDT, Failsafe type)
1540 mW (Transfer, Failsafe type)
4. Long life: 5
× 106 (SPDT)
Frequency
(GHz)
–1
–4
–8
–12.4
–18
–26.5*
V.S.W.R.
(max.)
1.1 1.15 1.25
1.35
1.5
1.7
Insertion
loss
(dB. max.)
0.2
0.3
0.4
0.5
0.8
Isolation
(dB. min.)
85
80
70
65
60
55
TYPICAL APPLICATIONS
Wireless and mobile communication
infrastructure
• Cellular phone base stations
• Amplifier switching
Measurement instruments
• All types of inspection equipment
ATTENTION
Transfer type is coming soon.
SPECIFICATIONS
Contact
Characteristics
Arrangement
SPDT
Transfer
Contact material
Gold plating
Initial contact resistance
Max. 100m
Rating
Contact input power*1
120W 3GHz
(V.S.W.R 1.15 or less, no contact switching, ambient temperature 40°C [SPDT], 25°C [Transfer])
Indicator rating
Contact rating
Max. 30V 100mA
Max. 5V 100mA
Initial contact resistance
(Measured by 5V 100mA)
Max. 1
High frequency
characteristics
(Impedance 50
Ω)
to 1 GHz
1 to 4
4 to 8
8 to12.4
12.4 to 18
18 to 26.5
V.S.W.R. (max.)
1.1
1.15
1.25
1.35
1.5
1.7
Insertion loss (dB, max.)
0.2
0.3
0.4
0.5
0.8
Isolation (dB, min.)
85
80
70
65
60
55
Expected life
(min. operation)
Mechanical (at 180 cpm)
5
× 106
Electrical (at 20 cpm)
5
× 106 (5W, to 3GHz, impedance 50Ω,
V.S.W.R.; max. 1.2)
106 (5W, to 3GHz, impedance 50
Ω,
V.S.W.R.; max. 1.2)
SPDT
Transfer
Initial insulation resistance*2
Min. 1,000 M
Initial breakdown
voltage*3
Between open contacts
500 Vrms for 1 min.
Between contact and coil
500 Vrms for 1 min.
Between contact and earth terminal
500 Vrms for 1 min.
Between coil and earth terminal
500 Vrms for 1 min.
Operate time*4 (at 20°C)
Max. 15ms
Max. 20ms
Shock resistance
Functional*5
500 m/s2
Destructive*6
1,000 m/s2
Vibration resistance
Functional*7
10 to 55 Hz at double amplitude of 3mm
Destructive
10 to 55 Hz at double amplitude of 5mm
Conditions for operation, transport and storage*8
(Not freezing and condensing at low temperature)
Ambient temp
–55°C to +85°C –67°F to +185°F
Humidity
5 to 85% R.H.
Unit weight (Approx.)
50g 1.76oz
110g 3.88oz
Remarks
*1 Please verify the usability of input power under actual conditions because heat
generated from connectors can influence connection.
*2 Measurement at same location as “Initial breakdown voltage” section.
*3 Detection current: 10mA
*4 Nominal operating voltage applied to the coil, excluding contact bounce time.
*5 Half-wave pulse of sine wave: 11ms, detection time: 10
µs.
*6 Half-wave pulse of sine wave: 11ms
*7 Detection time: 10
µs
*8 Refer to 4. Conditions for operation, transport and storage mentioned in NOTES.


Similar Part No. - ARD6204HQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO-NANO ETC-ARDUINO-NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO101 ETC2-ARDUINO101 Datasheet
273Kb / 5P
   Try out the integrated accelerometer and gyro and discover sensor fusion
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO_NANO ETC-ARDUINO_NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
More results

Similar Description - ARD6204HQ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMA HIROSE-SMA Datasheet
426Kb / 8P
   SMA Reverse Coaxial Connector Up to 26.5GHz
logo
Pasternack Enterprises,...
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
   SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
   SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
CRYSTEK CORPORATION
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
   SS402 50 Ohm 18GHz Precision Coaxial Cables
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Huber+Suhner, Inc.
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com