4 / 12 page
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Reverse Voltage
VR
6
V
Forward Current (DC)
IF
30
mA
Power Dissipation Derating
∆PD/°C
1.5
mW/
°C
Power Dissipation
PD
150
mW
Peak Forward Current
*1
IFP
0.5
A
Transistor
Collector to Emitter Voltage
VCEO
70
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
30
mA
Power Dissipation Delay
∆PC/°C
1.5
mW/
°C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Data Sheet PN10221EJ03V0DS
4
PS2501A-1,PS2501AL-1