Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-636 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SG-636
Description  HIGH-FREQUENCY CRYSTAL OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG-636 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SG-636 Datasheet HTML 1Page - List of Unclassifed Manufacturers SG-636 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
41
Crystal oscillator
#4
#3
#1
0.5
5.08
#2
10.5 Max.
Recommended soldering pattern
External dimensions
(Unit: mm)
(Unit: mm)
18.4320C
E
PTF9352A
(1.0)
(1.0)
3.6
5.08
1.3
Metal may be exposed on the top or bottom of this product.
This won't affect any quality, reliability or electrical spec.
1
2
3
4
OE or ST
GND
OUT
VDD
NO.
Pin terminal
Note.
OE Pin (PTF, PH, PCE, PDE, PTW, PHW, PCW)
OE pin - "H" or "open" : Specified frequency output.
OE pin - "L" : Output is high impedance.
ST pin (STW, SHW, SCW)
ST pin - "H" or "open" : Specified frequency output.
ST pin - "L" : Output is low level (weak pull - down), oscillation stops.
ST pin (SCE)
ST pin - "H" or "open" : Specified frequency output.
ST pin - "L" : Output is high impedance., oscillation stops.
Specifications (characteristics)
HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-636 series
Note: • Unless otherwise stated,characteristics (specifications) shown in the above table are based on the rated operating temperature and voltage condition.
• External by-pass capacitor is required.
• A small SMD that enables high-density mounting.
• A general-purpose device with builtin heat-resisting cylindrical AT-cut
crystal and allowing almost the same temperature condition for soldering
as SMD IC.
• Low current consumption by output enable function(OE) or standby
function(ST).
Actual size
Product number (please refer to page 1)
Q33 6 3 6 xxx x x xx 0 0
Item
Symbol
Specifications
Remarks
SG-636PTF
SG-636PH
SG-636SCE/PCE
SG-636PDE
Output frequency range
f0
2.21675 MHz to
41.0001 MHz to
2.21675 MHz to
2.21675MHz to
41.0000 MHz
70.0000 MHz
40.0000 MHz
40.0000MHz
Refer to page 31. "Frequency range"
Power source Max. supply voltage VDD-GND
-0.5 V to +7.0 V
voltage
Operating voltage
VDD
5.0 V ±0.5 V
3.3 V ±0.3 V
2.5 V ±0.25 V
Temperature
Storage temperature
TSTG
-55 °C to +100 °C
Stored as bare product after unpacking
range
Operating temperature
TOPR
-20 °C to +70 °C
Refer to page 31. "Frequency range"
Frequency stability
∆f/f0
C: ±100 x 10-6
Current consumption
lop
17 mA Max.
35 mA Max.
9 mA Max.
5 mA Max.
No load condition
Output disable current
IOE
10 mA Max.
20 mA Max.
5 mA Max.
3 mA Max.
OE=GND, ST=GND 2 µA Max.(SCE)
Duty
CMOS level
tw/t
40 % to 60 %
45 % to 55 %
CMOS load: 1/2 VDD leve l
TTL level
45 % to 55 %
TTL load: 1.4 V level
Output voltage
VOH
VDD -0.4 V Min.
IOH
=-8 mA (PTF) /-4 mA (PH / SCE / PCE / PDE)
VOL
0.4 V Max.
IOL =16 mA (PTF) /4 mA (PH / SCE / PCE / PDE)
Output load condition CMOS level
CL
50 pF Max.
20 pF Max.( ≤ 55 MHz)
30 pF Max.
15 pF Max.
(fan out)
15 pF Max.( > 55 MHz)
TTL level
N
10 TTL Max.
5 LSTTL Max.
CL<
_15 pF
Output enable/disable input voltage
VIH
2.0 V Min.
0.8 VDD Min.
OE,ST (SCE)
VIL
0.8 V Max.
0.2 VDD Max.
Output rise time
CMOS level
tTLH
7 ns Max.
5 ns Max.
CMOS load: 20 %→80 % VDD
TTL level
5 ns Max.
TTL load: 0.4 V→2.4 V
Output fall time
CMOS level
tTHL
7 ns Max.
5 ns Max.
CMOS load: 80 %→20 % VDD
TTL level
5 ns Max.
TTL load: 2.4 V→0.4 V
Oscillation start up time
tosc
4 ms Max.
10 ms Max.
4 ms Max.
Time at minimum operating voltage to be O s
Aging
fa
±5 x 10-6 /year Max.
Ta=+25 °C,VDD=5.0 V / 3.3 V / 2.5 V,first year
Shock resistance
S.R.
±20 x 10-6 Max.
Three drops on a hard board from 750 mm or excitation test
with 29400 m/s2 x 0.3 ms x 1/2 sine wave in 3 directions


Similar Part No. - SG-636

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-636 EPSON-SG-636 Datasheet
342Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS, TTL
logo
Epson ToYoCom
SG-636PCE EPSONTOYOCOM-SG-636PCE Datasheet
155Kb / 1P
   SG-636PTJ
logo
Seiko Instruments Inc
SG-636PCE SII-SG-636PCE Datasheet
400Kb / 3P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson Company
SG-636PCE EPSON-SG-636PCE Datasheet
342Kb / 2P
   CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS, TTL
logo
Seiko Instruments Inc
SG-636PCG SII-SG-636PCG Datasheet
400Kb / 3P
   CRYSTAL OSCILLATOR (SPXO)
More results

Similar Description - SG-636

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-615 EPSON-SG-615 Datasheet
70Kb / 2P
   SOJ HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
   Programmable High-Frequency Crystal Oscillator
logo
CRYSTEK CORPORATION
CCO-983 CRYSTEKMICROWAVE-CCO-983 Datasheet
158Kb / 2P
   high frequency sinewave crystal oscillator
logo
List of Unclassifed Man...
SG-8002CA ETC1-SG-8002CA Datasheet
24Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002DB EPSON-SG-8002DB Datasheet
86Kb / 2P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002DC EPSON-SG8002DC Datasheet
151Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Vectron International, ...
C5255B1 VECTRON-C5255B1 Datasheet
100Kb / 3P
   High Frequency Crystal-based Oscillator
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com