Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC14 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC14
Description  Hex inverting Schmitt trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC14 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC14 Datasheet HTML 1Page - NXP Semiconductors 74HC14 Datasheet HTML 2Page - NXP Semiconductors 74HC14 Datasheet HTML 3Page - NXP Semiconductors 74HC14 Datasheet HTML 4Page - NXP Semiconductors 74HC14 Datasheet HTML 5Page - NXP Semiconductors 74HC14 Datasheet HTML 6Page - NXP Semiconductors 74HC14 Datasheet HTML 7Page - NXP Semiconductors 74HC14 Datasheet HTML 8Page - NXP Semiconductors 74HC14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2003 Oct 30
2
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
FEATURES
• Applications:
– Wave and pulse shapers
– Astable multivibrators
– Monostable multivibrators.
• Complies with JEDEC standard no. 7A
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74HC14 and 74HCT14 are high-speed Si-gate CMOS
devices and are pin compatible with low power Schottky
TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74HC14 and 74HCT14 provide six inverting buffers
with Schmitt-trigger action. They are capable of
transforming slowly changing input signals into sharply
defined, jitter-free output signals.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr = tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. For type 74HC14 the condition is VI = GND to VCC.
For type 74HCT14 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/tPLH
propagation delay nA to nY
CL = 15 pF; VCC = 5 V 1217ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per gate notes 1 and 2
7
8
pF


Similar Part No. - 74HC14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC14 PHILIPS-74HC14 Datasheet
72Kb / 8P
   Hex inverting Schmitt trigger
September 1993
logo
ON Semiconductor
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC14 NXP-74HC14 Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Diodes Incorporated
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
More results

Similar Description - 74HC14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com