Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT14D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HCT14D
Description  Hex inverting Schmitt trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT14D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT14D Datasheet HTML 6Page - NXP Semiconductors 74HCT14D Datasheet HTML 7Page - NXP Semiconductors 74HCT14D Datasheet HTML 8Page - NXP Semiconductors 74HCT14D Datasheet HTML 9Page - NXP Semiconductors 74HCT14D Datasheet HTML 10Page - NXP Semiconductors 74HCT14D Datasheet HTML 11Page - NXP Semiconductors 74HCT14D Datasheet HTML 12Page - NXP Semiconductors 74HCT14D Datasheet HTML 13Page - NXP Semiconductors 74HCT14D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2003 Oct 30
10
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
TRANSFER CHARACTERISTICS
Type 74HC
At recommended operating conditions; voltages are referenced to GND (ground=0V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C; note 1
VT+
positive-going threshold
Figs 7 and 8
2.0
0.7
1.18
1.5
V
4.5
1.7
2.38
3.15
V
6.0
2.1
3.14
4.2
V
VT−
negative-going threshold
Figs 7 and 8
2.0
0.3
0.52
0.90
V
4.5
0.9
1.40
2.00
V
6.0
1.2
1.89
2.60
V
VH
hysteresis (VT+ − VT−)
Figs 7 and 8
2.0
0.2
0.66
1.0
V
4.5
0.4
0.98
1.4
V
6.0
0.6
1.25
1.6
V
Tamb = −40 to +85 °C
VT+
positive-going threshold
Figs 7 and 8
2.0
0.7
1.5
V
4.5
1.7
3.15
V
6.0
2.1
4.2
V
VT−
negative-going threshold
Figs 7 and 8
2.0
0.3
0.90
V
4.5
0.90
2.00
V
6.0
1.20
2.60
V
VH
hysteresis (VT+ − VT−)
Figs 7 and 8
2.0
0.2
1.0
V
4.5
0.4
1.4
V
6.0
0.6
1.6
V
Tamb = −40 to +125 °C
VT+
positive-going threshold
Figs 7 and 8
2.0
0.7
1.5
V
4.5
1.7
3.15
V
6.0
2.1
4.2
V
VT−
negative-going threshold
Figs 7 and 8
2.0
0.30
0.90
V
4.5
0.90
2.00
V
6.0
1.2
2.60
V
VH
hysteresis (VT+ − VT−)
Figs 7 and 8
2.0
0.2
1.0
V
4.5
0.4
1.4
V
6.0
0.6
1.6
V


Similar Part No. - 74HCT14D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT14D NXP-74HCT14D Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
74HCT14D NXP-74HCT14D Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Toshiba Semiconductor
74HCT14D TOSHIBA-74HCT14D Datasheet
156Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-05-24 Rev.2.0
logo
Nexperia B.V. All right...
74HCT14D NEXPERIA-74HCT14D Datasheet
268Kb / 16P
   Hex inverting Schmitt trigger
Rev. 9 - 13 August 2021
74HCT14D-Q100 NEXPERIA-74HCT14D-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
More results

Similar Description - 74HCT14D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com