Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP100 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP100
Description  Sub 1.0 V Precision Adjustable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP100 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP100 Datasheet HTML 1Page - ON Semiconductor NCP100 Datasheet HTML 2Page - ON Semiconductor NCP100 Datasheet HTML 3Page - ON Semiconductor NCP100 Datasheet HTML 4Page - ON Semiconductor NCP100 Datasheet HTML 5Page - ON Semiconductor NCP100 Datasheet HTML 6Page - ON Semiconductor NCP100 Datasheet HTML 7Page - ON Semiconductor NCP100 Datasheet HTML 8Page - ON Semiconductor NCP100 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP100
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Cathode to Anode Voltage (Note 1)
VKA
7.0
V
Cathode Current Range, Continuous (Note 2)
IK
−20 to 25
mA
Reference Input Current Range, Continuous (Note 1)
IREF
−0.05 to 2.0
mA
Thermal Resistance Junction−to−Air
RqJA
225
°C/W
Operating Junction Temperature Range
TJ
−40 to 125
°C
Storage Temperature Range
Tstg
−65 to 150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 4000 V per JESD−22, Method A114B.
Machine Model Method 400 V.
2. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
R
qJA
RECOMMENDED OPERATING CONDITIONS
Condition
Symbol
Min
Max
Unit
Cathode to Anode Voltage Range
VKA
0.9
6.0
V
Cathode Current Range
IK
0.1
20
mA


Similar Part No. - NCP100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP100 ONSEMI-NCP100 Datasheet
132Kb / 12P
   Sub 1.0 V Precision Adjustable Shunt Regulator
November, 2006 ??Rev. 10
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
NCP1000 ONSEMI-NCP1000 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1000 ONSEMI-NCP1000 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1000P ONSEMI-NCP1000P Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
More results

Similar Description - NCP100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP100 ONSEMI-NCP100_06 Datasheet
132Kb / 12P
   Sub 1.0 V Precision Adjustable Shunt Regulator
November, 2006 ??Rev. 10
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com