Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1054CP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054CP
Description  SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054CP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LT1054CP Datasheet HTML 5Page - Texas Instruments LT1054CP Datasheet HTML 6Page - Texas Instruments LT1054CP Datasheet HTML 7Page - Texas Instruments LT1054CP Datasheet HTML 8Page - Texas Instruments LT1054CP Datasheet HTML 9Page - Texas Instruments LT1054CP Datasheet HTML 10Page - Texas Instruments LT1054CP Datasheet HTML 11Page - Texas Instruments LT1054CP Datasheet HTML 12Page - Texas Instruments LT1054CP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT1054
SWITCHEDCAPACITOR VOLTAGE CONVERTERS
WITH REGULATORS
SLVS033F − FEBRUARY 1990 − REVISED NOVEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Supply voltage VCC alternately charges CIN to the input voltage when CIN is switched in parallel with the input supply
and then transfers charge to COUT when CIN is switched in parallel with COUT. Switching occurs at the oscillator
frequency. During the time that CIN is charging, the peak supply current is approximately 2.2 times the output current.
During the time that CIN is delivering a charge to COUT, the supply current drops to approximately 0.2 times the output
current. An input supply bypass capacitor supplies part of the peak input current drawn by the LT1054 and averages
the current drawn from the supply. A minimum input-supply bypass capacitor of 2
µF, preferably tantalum or some
other low equivalent-series-resistance (ESR) type, is recommended. A larger capacitor is desirable in some cases.
An example of this would be when the actual input supply is connected to the LT1054 through long leads or when
the pulse currents drawn by the LT1054 might affect other circuits through supply coupling.
In addition to being the output terminal, VOUT is tied to the substrate of the device. Special care must be taken in
LT1054 circuits to avoid making VOUT positive with respect to any of the other terminals. For circuits with the output
load connected from VCC to VOUT or from some external positive supply voltage to VOUT, an external transistor must
be added (see Figure 14). This transistor prevents VOUT from being pulled above GND during startup. Any small
general-purpose transistor such as a 2N2222 or a 2N2219 device can be used. Resistor R1 should be chosen to
provide enough base drive to the external transistor so that it is saturated under nominal output voltage and maximum
output current conditions.
R1
v
V
OUT b
I
OUT
R1
CIN
Load
VOUT
VREF
OSC
VCC
CAP−
GND
CAP+
FB/SD
VIN
VOUT
COUT
Pin numbers shown are for the P package.
+
+
1
2
3
4
LT1054
8
7
6
5
Figure 14. Circuit With Load Connected from VCC to VOUT
(4)


Similar Part No. - LT1054CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054CP TI-LT1054CP Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CP TI-LT1054CP Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054CPE4 TI-LT1054CPE4 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CPE4 TI-LT1054CPE4 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
More results

Similar Description - LT1054CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054_06 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_15 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com