Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2292FZT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2292FZT
Description  Three-PLL General-Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2292FZT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2292FZT Datasheet HTML 1Page - Cypress Semiconductor CY2292FZT Datasheet HTML 2Page - Cypress Semiconductor CY2292FZT Datasheet HTML 3Page - Cypress Semiconductor CY2292FZT Datasheet HTML 4Page - Cypress Semiconductor CY2292FZT Datasheet HTML 5Page - Cypress Semiconductor CY2292FZT Datasheet HTML 6Page - Cypress Semiconductor CY2292FZT Datasheet HTML 7Page - Cypress Semiconductor CY2292FZT Datasheet HTML 8Page - Cypress Semiconductor CY2292FZT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY2292
Document #: 38-07449 Rev. *B
Page 5 of 11
Electrical Characteristics, Industrial 5.0V
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
HIGH-Level Output Voltage
IOH = 4.0 mA
2.4
V
VOL
LOW-Level Output Voltage
IOL = 4.0 mA
0.4
V
VIH
HIGH-Level Input Voltage[9]
Except crystal pins
2.0
V
VIL
LOW-Level Input Voltage[9]
Except crystal pins
0.8
V
IIH
Input HIGH Current
VIN = VDD – 0.5V
<1
10
µA
IIL
Input LOW Current
VIN = +0.5V
<1
10
µA
IOZ
Output Leakage Current
Three-state outputs
250
µA
IDD
VDD Supply Current[10] Industrial
VDD = VDD Max., 5V operation
75
110
mA
IDDS
VDD Power Supply Current in
Shutdown Mode[10]
Shutdown active CY2292I/CY2292FI
10
100
µA
Electrical Characteristics, Industrial 3.3V
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
HIGH-Level Output Voltage
IOH = 4.0 mA
2.4
V
VOL
LOW-Level Output Voltage
IOL = 4.0 mA
0.4
V
VIH
HIGH-Level Input Voltage[9]
Except crystal pins
2.0
V
VIL
LOW-Level Input Voltage[9]
Except crystal pins
0.8
V
IIH
Input HIGH Current
VIN = VDD – 0.5V
<1
10
µA
IIL
Input LOW Current
VIN = +0.5V
<1
10
µA
IOZ
Output Leakage Current
Three-state outputs
250
µA
IDD
VDD Supply Current[10] Indus-
trial
VDD = VDD Max., 3.3V operation
50
70
mA
IDDS
VDD Power Supply Current in
Shutdown Mode[10]
Shutdown active
CY2292I/CY2292FI
10
100
µA
Switching Characteristics, Commercial 5.0V
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range, 5V
operation
CY2292
10
(100 MHz)
13000
(76.923 kHz)
ns
CY2292F
11.1
(90 MHz)
13000
(76.923 kHz)
ns
Output Duty Cycle[11]
Duty cycle for outputs, defined as t2 ÷ t1[12]
fOUT > 66 MHz
40%
50%
60%
Duty cycle for outputs, defined as t2 ÷ t1[12]
fOUT < 66 MHz
45%
50%
55%
t3
Rise Time
Output clock rise time[13]
35
ns
t4
Fall Time
Output clock fall time[13]
2.5
4
ns
t5
Output Disable Time
Time for output to enter three-state mode
after SHUTDOWN/OE goes LOW
10
15
ns
t6
Output Enable Time
Time for output to leave three-state mode
after SHUTDOWN/OE goes HIGH
10
15
ns
t7
Skew
Skew delay between any identical or
related outputs[3, 12, 14]
< 0.25
0.5
ns
t8
CPUCLK Slew
Frequency transition rate
1.0
20.0
MHz/ms
Notes:
11. XBUF duty cycle depends on XTALIN duty cycle.
12. Measured at 1.4V.
13. Measured between 0.4V and 2.4V.
14. Jitter varies with configuration. All standard configurations sample tested at the factory conform to this limit. For more information on jitter, please refer to the
application note: Jitter in PLL-Based Systems.


Similar Part No. - CY2292FZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292FZT CYPRESS-CY2292FZT Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2292FZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com