Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2292FZT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2292FZT
Description  Three-PLL General-Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2292FZT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2292FZT Datasheet HTML 3Page - Cypress Semiconductor CY2292FZT Datasheet HTML 4Page - Cypress Semiconductor CY2292FZT Datasheet HTML 5Page - Cypress Semiconductor CY2292FZT Datasheet HTML 6Page - Cypress Semiconductor CY2292FZT Datasheet HTML 7Page - Cypress Semiconductor CY2292FZT Datasheet HTML 8Page - Cypress Semiconductor CY2292FZT Datasheet HTML 9Page - Cypress Semiconductor CY2292FZT Datasheet HTML 10Page - Cypress Semiconductor CY2292FZT Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CY2292
Document #: 38-07449 Rev. *B
Page 10 of 11
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
CyClocks is a trademark of Cypress Semiconductor Corporation.Pentium is a registered trademark of Intel Corporation.
All product and company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams
PIN 1 ID
0°~8°
16 Lead (150 Mil) SOIC
1
8
916
SEATING PLANE
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.386[9.804]
0.393[9.982]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
DIMENSIONS IN INCHES[MM] MIN.
MAX.
0.016[0.406]
0.010[0.254]
X 45°
0.004[0.102]
REFERENCE JEDEC MS-012
PART #
S16.15 STANDARD PKG.
SZ16.15 LEAD FREE PKG.
PACKAGE WEIGHT 0.15gms
16-Lead (150-Mil) SOIC S16.15
51-85068-*B
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN1ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.05 gms
PART #
Z16.173
STANDARD PKG.
ZZ16.173 LEAD FREE PKG.
16-lead TSSOP 4.40 MM Body Z16.173
51-85091-*A


Similar Part No. - CY2292FZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292FZT CYPRESS-CY2292FZT Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2292FZT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com