Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2595 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2595
Description  5-INPUT 3-OUTPUT VIDEO SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2595 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2595 Datasheet HTML 1Page - New Japan Radio NJM2595 Datasheet HTML 2Page - New Japan Radio NJM2595 Datasheet HTML 3Page - New Japan Radio NJM2595 Datasheet HTML 4Page - New Japan Radio NJM2595 Datasheet HTML 5Page - New Japan Radio NJM2595 Datasheet HTML 6Page - New Japan Radio NJM2595 Datasheet HTML 7Page - New Japan Radio NJM2595 Datasheet HTML 8Page - New Japan Radio NJM2595 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NJM2595
-1 -
5-INPUT 3-OUTPUT VIDEO SWITCH
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
s FEATURES
q 5-input 3-output
q Operating Voltage
±4.0 to ±6.5V
q Operating current
±15mAtyp. at Vcc=±5V
q Crosstalk
-65dBtyp.
q Internal 6dB Amplifier
q Internal 75
Ω Driver
q Bipolar Technology
q Package Outline
DIP16,DMP16
s PIN CONFIGURATION and BLOCK DIAGRAM
13
9
7
5
3
20k
20k
20k
20k
16
10
14
2
1
15
11
8
12
6
4
6dB
Amp
75
Driver
S3
S2
S4
S1
20k
20k
20k
S5
S6
S7
Vin1
Vin2
Vin3
Vin4
Vin5
SW3
SW4
SW5
SW1
SW2
V
+
GND
V
-
Vout3
Vout2
Vout1
6dB
Amp
6dB
Amp
75
Driver
75
Driver
The NJM2595 is a 5-input 3-output video switch. Its switches
select one from five signals received from VTR,TV,DVD,
TV-GAME and others.
The NJM2595 is designed for audio items, such as AV amplifier
and others.
NJM2595D
NJM2595M


Similar Part No. - NJM2595

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2590 NJRC-NJM2590 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V NJRC-NJM2590V Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2590V NJRC-NJM2590V Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
More results

Similar Description - NJM2595

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com