Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1054C Datasheet(PDF) 5 Page - Texas Instruments

Part # LT1054C
Description  SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054C Datasheet(HTML) 5 Page - Texas Instruments

  LT1054C Datasheet HTML 1Page - Texas Instruments LT1054C Datasheet HTML 2Page - Texas Instruments LT1054C Datasheet HTML 3Page - Texas Instruments LT1054C Datasheet HTML 4Page - Texas Instruments LT1054C Datasheet HTML 5Page - Texas Instruments LT1054C Datasheet HTML 6Page - Texas Instruments LT1054C Datasheet HTML 7Page - Texas Instruments LT1054C Datasheet HTML 8Page - Texas Instruments LT1054C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT1054
SWITCHEDCAPACITOR VOLTAGE CONVERTERS
WITH REGULATORS
SLVS033F − FEBRUARY 1990 − REVISED NOVEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
0.3
0.2
0.1
0
−50
−25
0
25
50
75
100
0.4
0.5
SHUTDOWN THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
0.6
TA − Free-Air Temperature − °C
V(FB/SD)
Figure 2
2
1
0
0
5
10
15
3
4
SUPPLY CURRENT
vs
INPUT VOLTAGE
5
IO = 0
VCC − Input Voltage − V
25
15
−50
−25
0
25
50
75
OSCILLATOR FREQUENCY
vs
FREE-AIR TEMPERATURE
35
100
21
VCC = 15 V
VCC = 3.5 V
TA − Free-Air Temperature − °C
19
17
23
27
29
31
33
Figure 3
Figure 4
60
40
20
0
05
80
100
SUPPLY CURRENT IN SHUTDOWN
vs
INPUT VOLTAGE
120
10
15
VCC − Input Voltage − V
V(FB/SD) = 0
† Data at high and low temperatures are applicable only within the recommended operating free-air temperature range.


Similar Part No. - LT1054C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054CDW TI-LT1054CDW Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CDW TI-LT1054CDW Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054CDWE4 TI-LT1054CDWE4 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054CDWG4 TI-LT1054CDWG4 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054CDWR TI-LT1054CDWR Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
More results

Similar Description - LT1054C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054_06 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_15 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com