Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6473DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6473DQ
Description  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6473DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6473DQ Datasheet HTML 1Page - Vishay Siliconix SI6473DQ Datasheet HTML 2Page - Vishay Siliconix SI6473DQ Datasheet HTML 3Page - Vishay Siliconix SI6473DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si6473DQ
Vishay Siliconix
New Product
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 71164
S-01042—Rev. B, 15-May-00
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V, TJ = 70_C
–10
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
20
A
DiS
OS
R
i
a
VGS = –4.5 V, ID = –9.5 A
0.010
0.0125
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –8.5 A
0.013
0.016
W
VGS = –1.8 V, ID = –7.5 A
0.0175
0.0215
W
Forward Transconductancea
gfs
VDS = –15 V, ID = –9.5 A
45
S
Diode Forward Voltagea
VSD
IS = –1.5 A, VGS = 0 V
–0.64
–1.1
V
Dynamicb
Total Gate Charge
Qg
V10 V V
5 V I
9 5 A
47.5
70
C
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –5 V, ID = –9.5 A
7.6
nC
Gate-Drain Charge
Qgd
7.6
Turn-On Delay Time
td(on)
V10 V R
15
W
42
60
Rise Time
tr
VDD = –10 V, RL = 15 W
I1 A V
4 5 V R
6
W
33
50
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
220
330
ns
Fall Time
tf
95
140
Source-Drain Reverse Recovery Time
trr
IF = –1.5 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
6
12
18
24
30
0
0.5
1.0
1.5
2.0
0
6
12
18
24
30
036
9
12
VGS = 5 thru 2 V
TC = 125_C
–55
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
1.5 V
1 V


Similar Part No. - SI6473DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6475DQ VISHAY-SI6475DQ Datasheet
54Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 28-Aug-00
logo
VBsemi Electronics Co.,...
SI6475DQ VBSEMI-SI6475DQ Datasheet
977Kb / 8P
   P-Channel 20-V (G-S) MOSFET
More results

Similar Description - SI6473DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com