Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCQ10U06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FCQ10U06
Description  FCQ10U06
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FCQ10U06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCQ10U06 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10A Avg.
Volts
SBD
■OUTLINE DRAWING(mm)
■定格・特性曲線
60
FCQ10U06
FIG.7
FIG.1
FIG.4
FIG.5
FIG.6
FIG.2
FIG.3
■電気的・熱的特性 Electrical/ Thermal Characteristics
■最大定格 Maximum Ratings
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
ピーク順電圧
Peak Forward Voltage
Tj=25℃, IFM=5A,
一素子あたり 
Per Diode
熱抵抗
Thermal Resistance
接合部・ケース間
Junction to Case
Typ.
Max.
Unit
5
mA
0.58
V
3
℃/W
1.5
℃/W
ケース・フィン間
Cace to Fin
R th(j-c)
R th(c-f)
Symbol
I RM
V FM
Item
Symbol
Conditions
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
60
平均整流電流
Average Rectified Forward Current
I O
Tc=108℃
10
実効順電流
R.M.S. Forward Current
I F(RMS)
11.1
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
締付トルク
Mounting torque
F tor
推奨値
Recommended Value
サージ順電流
Surge Forward Current
I FSM
110
50Hz正弦全波,1サイクル,非くり返し
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
V
50Hz、正弦全波抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
N・m
非くり返しピーク逆電圧
Non-repetitive Peak Reverse Voltage
V RSM
65
V
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
■APPROX. NET WEIGHT:2.20 g
0.5


Similar Part No. - FCQ10U06

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCQ10A03L NIEC-FCQ10A03L Datasheet
44Kb / 6P
   SBD DUAL DIODES - CATHODE COMMON
FCQ10A04 NIEC-FCQ10A04 Datasheet
56Kb / 6P
   Schottky Barrier Diode
FCQ10A06 NIEC-FCQ10A06 Datasheet
56Kb / 6P
   Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com