Selected language     English  ā–¼


N010-0510-T302 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part No. N010-0510-T302
Description  Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 6 page
background image
6
FID-550 SERIES
s
9.0 CONNECTION AND MOUNTING
The details below indicate the recommended mounting structure for panel and enclosure. The enclosure
support to fix the touch panel must be over 1.0mm I width and must be outside the view (Transparent area).
Also ensure that the enclosure does not cause miss input by touching the view area.
The following diagram shows that the enclosure edge must be between the View area and the guaranteed
active area. Ensure space is allocated for the diodes, and we recommend that the material to fix the panel
and enclosure is elastic. Special design would be required to stop water ingress. The corners of the touch
panel are conductive so do not touch any metal parts after mounting.
Location
Detect
1.
Right/ Upper
Glass
2.
Right/ Upper
Glass
3.
Each side
Glass
4.
Left/ Lower
Glass
5.
Each side
Glass
6.
Left/ Lower
Glass
7.
All
Film
Bottom View (Drawing, with conductive side up)
(Mating connector type FCI or equivalent SFW15R-1ST: for FPC)
0.8 mm min.
Connector
LCD
0.3 to 0.1 mm
Circuit Board
Transparent Area
Anit-input Area
Shock absorber to protect
the panel (eg rubber)
Upper Case
Input Area
Shock absorber
for protection
View Area
Input Panel
Wiring Area
Cut-out / avoidance of
550 surface mount diodes
Conductive Face
FPC-type cable
Contact Section View
Laminate Film
Stiffener Board
0.7
3.35
Top View (Picture, with conductive
side down)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
N16B-0558-B240Resistive Touch Panel Specification 1 2 3 4 5 MoreFujitsu Component Limited.
ATP0644-3SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
AR764612-bit Touch Panel Controller IC whit Temperature Sensor 1 2 3 List of Unclassifed Manufacturers
ACX706AKMPortrait-type 8.9 cm 3.5-type QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter 1 2 List of Unclassifed Manufacturers
ATP154-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
CRS1An Analog Touch Panel Controller Chip Through Serial CRS1-656 PS/2 CRS1-685 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ATP0574-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
PD035OX1This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1. 1 2 3 4 5 MoreAZ Displays
AR764312-bit Touch Panel Controller IC 1 2 3 List of Unclassifed Manufacturers
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl