Selected language     English  ▼


N010-0510-T302 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. N010-0510-T302
Description  Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 2 page
background image
2
FID-550 SERIES
A
B
C
s DETAILED SPECIFICATION
s 1.0 APPLICATION
This specification applies to the 10.4" (inch) standard Touch Panel (Pen/Finger type). P/N is N010-0550-T611.
s 2.0 ADDITIONAL APPLICATIONS
Control IC specifications and Control PCB, complete Touch Panel Specifications are also applicable.
s 3.0 DISCRIPTION AND BLOCK DIAGRAM
This panel in combination with a control IC chip is used to transfer the co-ordinates of the touched position to
the host system (see block diagram above).
s 4.0 DRAWING (Please see the diagram above.)
Definitions of the major dimensions indicated on this diagram:
Effective Input Area (A)
Area guaranteed to meet all the
characteristics detailed in this specification
View / Transparent Area (B)
The area inside the adhesive zone
or electrode pattern.
Anti-input Area (C)
An insulating area allowed to protect
the touch panel from giving false
readings when an enclosure touches
the panel.
s
5.0 CHARACTERISTICS
s
5.1 MECHANICAL
Operating Force
0.05~0.49 N (5 ~ 50gF) Measured with
a Silicon Measurement Rod R 8
(Round type 8mm) Silicon Rubber
Hardness 60˚C
Hardness of Surface
Pencil hardness 3H minimum against
specification JIS K-5400
s
5.2 OPTICAL
Transparency
78% min measured in the effective input area to JIS K 7105 using a
MURAKAMI SHIKISAI KENKYUSHO type IIR 100 meter. Typically 80%.
Haze
5% measured in the effective input area using a MURAKAMI
SHIKISAI KENKYUSHO type IIR 100 meter with an Anti Glare treated
surface.
Force
Silicon Rubber Rod
Unit: mm
123.75
215.10
213.10 (input area)
(
)
Bottom
Left
Top
(8.00)
(
(3.50)
236.80
(11.50)
217.10 (transparent area)
(
)
243.80
2.0
±
±1.0
±1.0
±1.0
s DIMENSION EXAMPLE (10.4” SHOWN)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
N16B-0558-B240Resistive Touch Panel Specification 1 2 3 4 5 MoreFujitsu Component Limited.
ATP0644-3SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
AR764612-bit Touch Panel Controller IC whit Temperature Sensor 1 2 3 List of Unclassifed Manufacturers
ACX706AKMPortrait-type 8.9 cm 3.5-type QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter 1 2 List of Unclassifed Manufacturers
ATP154-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
CRS1An Analog Touch Panel Controller Chip Through Serial CRS1-656 PS/2 CRS1-685 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ATP0574-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
PD035OX1This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1. 1 2 3 4 5 MoreAZ Displays
AR764312-bit Touch Panel Controller IC 1 2 3 List of Unclassifed Manufacturers
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl