Selected language     English  ▼


N010-0510-T302 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. N010-0510-T302
Description  Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 3 page
background image
3
FID-550 SERIES
s
5.3 ELECTRICAL
Location Accuracy:
±2.5mm Measured over 9 points (See note 1)
Linearity:
1.5%
Current Consumption:
20mA max at DC 5V when applying 5VDC between pins 3 & 5
Switch Bounce (Chattering):
10ms min when using the silicon rubber measurement rod.
Insulation resistance:
10M
Ω minimum at 25KV DC applied between pins 3 & 7 or
between 5 and 7
Dielectric Strength:
25KV DC for 1 minute
Note 1:
Measurement condition of linearity is corrected within the
control IC. In general the location accuracy is specified
as follows:
Actual co-ordinate point - theoretical co-ordinate point
= location accuracy.
In general a 9 point co-ordinate calibration system is used
to adjust the micro controller accuracy. (20 point can be
used in combination with an EEPROM design).
Note 2:
Pins 3, 5 and 7 are the glass and film connection points.
s
5.4 ENVIRONMENTAL
Operating Temperature (*):
-5˚C to 60˚C
Storage Temperature:
-30˚C to 70˚C
Operating Humidity:
20% to 90% RH with a Maximum wet bulb temperature of 38˚C
Storage Humidity:
10% ~ 90% RH with a Maximum wet bulb temperature of 38˚C
Chemical Resistance:
Coating with the following chemicals and storing at room temperature for 2
hours gives no problems. 10% NaCl-water solution, ethyl-acetate, ethyl-
alcohol, toluene, methyl-ethyl-ketone.
s
5.5 PEN LIFE
Character Writing life:
1,000,000 words minimum
Touch Input life :
10,000,000 times minimum
Note 1:
Words are written in the notes area and the size of the word is
7.5mm x 6.75mm. A word is any Alphabet / Number / Mark.
The pen is as shown below and applies a force of 250g.
A failure is judged to happen when the current consumption or
insulation resistance or dielectric strength are not met as
shown in 5.3. The location accuracy with 9 point calibration
must be
±4.4 mm max.
9 mm
Notes
Effective input area
Distance
Theoretical
Actual
Error
3.5
9.0
1.0
110.0±1.0
3.0
1.5
R
0.8




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
N16B-0558-B240Resistive Touch Panel Specification 1 2 3 4 5 MoreFujitsu Component Limited.
ATP0644-3SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
AR764612-bit Touch Panel Controller IC whit Temperature Sensor 1 2 3 List of Unclassifed Manufacturers
ACX706AKMPortrait-type 8.9 cm 3.5-type QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter 1 2 List of Unclassifed Manufacturers
ATP154-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
CRS1An Analog Touch Panel Controller Chip Through Serial CRS1-656 PS/2 CRS1-685 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ATP0574-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
PD035OX1This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1. 1 2 3 4 5 MoreAZ Displays
AR764312-bit Touch Panel Controller IC 1 2 3 List of Unclassifed Manufacturers
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl