Selected language     English  ▼


N010-0510-T211 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part No. N010-0510-T211
Description  Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 1 page
background image
STANDARD
Resistive Touch Panel Specification
FID-550 7-Wire Series
s PART NUMBERS
Touch Panels:
s FEATURES
• Superior long life, using a unique construction method offering improved life over typical
technologies; by sensing data input only on the glass layer, typically a 10x improvement in
product life is achived.
• Excellent specification and high quality
- Anti-Newton ring technology
- High reliability materials
• Pen/Finger, Pen Only, Finger Only,
Light Touch types available
• Transparency 80% - typical
r
e
b
m
u
N
t
r
a
Pe
z
i
Se
p
y
T
2
0
3
T
-
0
1
5
0
-
0
1
0
N"
7
1r
e
g
n
i
F
/
n
e
P
1
1
2
T
-
0
1
5
0
-
0
1
0
N"
5
1r
e
g
n
i
F
/
n
e
P
3
1
9
T
-
0
5
5
0
-
0
1
0
N"
3
.
3
1r
e
g
n
i
F
/
n
e
P
1
1
7
T
-
0
5
5
0
-
0
1
0
N"
1
.
2
1r
e
g
n
i
F
/
n
e
P
2
4
2
T
-
1
5
5
0
-
0
1
0
N"
1
.
2
1)
e
p
y
t
h
c
u
o
t
t
h
g
il
(
r
e
g
n
i
F
/
n
e
P
1
1
8
T
-
0
5
5
0
-
0
1
0
N3
.
1
1r
e
g
n
i
F
/
n
e
P
1
0
6
T
-
0
5
5
0
-
0
1
0
N"
4
.
0
1y
l
n
o
n
e
P
1
1
6
T
-
0
5
5
0
-
0
1
0
N"
4
.
0
1r
e
g
n
i
F
/
n
e
P
1
2
6
T
-
0
5
5
0
-
0
1
0
N"
4
.
0
1)
e
p
y
t
h
c
u
o
t
t
h
g
il
(
r
e
g
n
i
F
/
n
e
P
1
1
5
T
-
0
5
5
0
-
0
1
0
N"
5
.
9r
e
g
n
i
F
/
n
e
P
1
4
3
T
-
0
5
5
0
-
0
1
0
N"
4
.
8r
e
g
n
i
F
/
n
e
P
Input Panel
Panel Drive
change over
switch
Noise Filter
MCU
Control
Section
A/D
converter
Interface
s PART NUMBERS
Controller Boards:
s PART NUMBERS
Interface Controller Chips:
r
e
b
m
u
N
t
r
a
Pe
p
y
T
2
2
0
V
-
9
5
5
0
-
0
1
0
N2
3
2
S
R
,
e
r
i
W
-
7
5
1
0
0
-
0
2
1
1
4
C
NB
S
U
,
e
r
i
W
-
7
r
e
b
m
u
N
t
r
a
Pe
p
y
T
0
4
2
B
-
8
5
5
0
-
B
6
1
N2
3
2
S
R
,
e
r
i
W
-
7
0
2
7
B
-
8
5
5
0
-
B
6
1
NB
S
U
,
e
r
i
W
-
7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
N16B-0558-B240Resistive Touch Panel Specification 1 2 3 4 5 MoreFujitsu Component Limited.
ATP0644-3SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
AR764612-bit Touch Panel Controller IC whit Temperature Sensor 1 2 3 List of Unclassifed Manufacturers
ACX706AKMPortrait-type 8.9 cm 3.5-type QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter 1 2 List of Unclassifed Manufacturers
ATP154-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
CRS1An Analog Touch Panel Controller Chip Through Serial CRS1-656 PS/2 CRS1-685 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ATP0574-1SPECIFICATIONS FOR STANDARD RESISITIVE TOUCH PANEL 1 2 3 4 5 MoreAZ Displays
PD035OX1This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1. 1 2 3 4 5 MoreAZ Displays
AR764312-bit Touch Panel Controller IC 1 2 3 List of Unclassifed Manufacturers
DS90C385+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display FPD Link-85 MHz +3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD L 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl