Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC075B1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JC075B1
Description  JC050B
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC075B1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JC075B1 Datasheet HTML 1Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 2Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers JC075B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Tyco Electronics Corp.
5
Data Sheet
October 1997
18 Vdc to 36 Vdc Input, 12 Vdc Output; 50 W to 100 W
JC050B, JC075B, JC100B Power Modules: dc-dc Converters;
Characteristic Curves
The following figures provide typical characteristics for the JC050B, JC075B, JC100B power modules. The figures
are identical for both on/off configurations.
8-1238 (C)
Figure 1. Typical JC050B Input Characteristics at
Room Temperature, IO = Full Load
8-1238 (C).b
Figure 2. Typical JC075B Input Characteristics at
Room Temperature, IO = Full Load
8-1239 (C)
Figure 3. Typical JC100B Input Characteristics at
Room Temperature, IO = Full Load
8-1240 (C)
Figure 4. Typical JC050B Output Characteristics at
Room Temperature, VIN = 28 V
0
4
8
121620
36
0.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE, VI (V)
2.0
1.5
1.0
0.5
24
28
32
0
4
8
121620
36
0.0
5.0
6.0
4.0
3.0
2.0
1.0
24
28
32
INPUT VOLTAGE, VI (V)
0
4
8
121620
36
0
5
6
7
8
INPUT VOLTAGE, VI (V)
4
3
2
1
24
28
32
0
123
45
7
0
8
10
12
14
OUTPUT CURRENT, IO (A)
6
4
2
6


Similar Part No. - JC075B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC070/X ETC1-JC070/X Datasheet
148Kb / 5P
   Thermometrics Clip-On Pipe and Surface Sensors
logo
Amphenol Corporation
JC070/X AMPHENOL-JC070/X Datasheet
80Kb / 4P
   Suitable for use in conditions of high
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com