Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2000C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M2000C
Description  PIR Light Controller for 3-Wire Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M2000C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M2000C Datasheet HTML 1Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 2Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 3Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 4Page - List of Unclassifed Manufacturers M2000C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MOS (PTY) LTD.
Microsystems On Silicon
Member of ELMOS Semiconductor AG
M2000C
PIR Light Controller
for 3-Wire Applications
www.mos.co.za
Page 2 of 5
Rev. 1.0
Electrical Characteristics_______________________________________
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Remarks
Supply Voltage
VDD
-0.3
7
V
Current into any pin
-100
100
mA
One pin at a time
Storage Temperature
Tst
-45
125
°C
Table 1: Electrical Characteristics (Stresses beyond those listed above may cause permanent damage to the device. Exposure to
absolute maximum ratings may affect the device reliability. ESD protection: all pins will be able to withstand a discharge of a 100pF
capacitor charged to 1.6kV through a 1500Ω series resistor. Test method: MIL-STD-883D method 3015).
Operating Conditions (T=25°C, VDD=5V, unless stated otherwise)
Parameter
Symbol
Min
Typ
Max
Unit
Remarks
Temperature
Operating temperature range
-25
25
70
°C
Rectifier / Regulator
Supply voltage
VDD
4.2
5
5.5
V
Supply current
IDD
500
µA
VDD=5VOutputs
unloaded
Shunt regulator current
IACIN
20
mA
VDD=6V
Digital Inputs, Schmitt triggers (TEST, TOG, RETRIG, DARK, SWIN)
Input low voltage
VIL
20
%VDD
Input high voltage
VIH
80
%VDD
Pull down current on TEST,TOG
140
µA
Input to VDD
Pull up current on RETRIG
140
µA
Input to VSS
Leakage current on DARK
±1
µA
Input to VSS or VDD
Pull up/ pull down scanning current on
SWIN
6
mA
Input to VSS or VDD
VSW Digital Input (window comparator)
Input low voltage
VSWL
1
V
Input high voltage
VSWH
VDD-1
V
Digital Outputs (RELAY, TRIAC)
Output low voltage
VOL
10
%VDD
ISOURCE=5mA
Output high voltage
VOH
90
%VDD
ISINK=2mA
Analog Inputs
Input voltage range
0
VDD
V
Input leakage current (ON-TIME, SENS,
FADE, BRIGHT, TCOMP)
-1
1
µA
PIRIN input resistance to VSS
60
kΩ
PIRIN input AC voltage
5
mV
Peak-to-Peak
Oscillator and Filter
LPF cutoff frequency
7
Hz
HPF cutoff frequency
0.5
Hz
Internal clock frequency
25.6
kHz
R5 as per table 7
Table 2: Operating Conditions


Similar Part No. - M2000C

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
logo
ML Accessories Limited....
M2000 KNIGHTSBRIDGE-M2000 Datasheet
245Kb / 1P
   Metal Clad 10AX 1G 2-way Switch
11/04/2024
logo
Amphenol Corporation
M2000-109118 AMPHENOL-M2000-109118 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109119 AMPHENOL-M2000-109119 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
M2000-109120 AMPHENOL-M2000-109120 Datasheet
1Mb / 32P
   D-Sub Connectors D- Sub-01 Rev. 10 / 10
More results

Similar Description - M2000C

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M7620 MOSDESIGN-M7620 Datasheet
296Kb / 6P
   PIR CONTROLLER FOR DC/AC APPLICATIONS
2016-09-09
M7621 MOSDESIGN-M7621 Datasheet
292Kb / 7P
   PIR CONTROLLER FOR DC/AC APPLICATIONS
2016-09-12
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2621 PERICOM-PT8A2621 Datasheet
110Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
   PIR Sensor Light Switch Controller
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com