Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3420EETG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3420EETG
Description  USB Peripheral Controller with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3420EETG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3420EETG Datasheet HTML 6Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 7Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 8Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 9Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 10Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 11Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 12Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 13Page - Maxim Integrated Products MAX3420EETG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
USB Peripheral Controller
with SPI Interface
10
______________________________________________________________________________________
Note 1: Parameters are 100% production tested at TA = +25°C, and guaranteed by correlation over temperature.
Note 2: Design guaranteed by bench testing. Limits are not production tested.
Note 3: At VL = 1.71V to 2.5V, derate all of the SPI timing characteristics by 50%. Not production tested.
Note 4: The minimum period is derived from SPI timing parameters.
Note 5: Time-to-exit suspend is dependent on the crystal used.
Note 6: Redesign in progress to meet USB specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
USB TRANSMITTER TIMING CHARACTERISTICS
D+, D- Rise Time
tRISE
CL = 50pF, Figures 6 and 7
4
20
ns
D+, D- Fall Time
tFALL
CL = 50pF, Figures 6 and 7
4
20
ns
Rise-/Fall-Time Matching
CL = 50pF, Figures 6 and 7 (Note 2)
90
110
%
Output-Signal Crossover Voltage
CL = 50pF, Figures 6 and 7 (Note 2)
1.3
2.0
V
SPI BUS TIMING CHARACTERISTICS (VL = 2.5V, CSS = 33pF*) (Figures 8 and 9) (Note 3)
VL = 1.71V
77.0
Serial Clock (SCLK) Period (Note 4)
tCP
VL = 2.5V
38.4
ns
SCLK Pulse-Width High
tCH
17
ns
SCLK Pulse-Width Low
tCL
17
ns
SS Fall-to-MISO Valid
tCSS
20
ns
SS Leading Time Before the First
SCLK Edge
tL
30
ns
SS Trailing Time After the Last
SCLK Edge
tT
30
ns
Data-In Setup Time
tDS
5ns
Data-In Hold Time
tDH
10
ns
SS Pulse High
tCSW
200
ns
SCLK Fall-to-MISO Propagation
Delay
tDO
14.2
ns
SCLK Fall-to-MOSI Propagation
Delay
tDI
14.2
ns
SCLK Rise-to-MOSI Drive
tON
3.5
ns
SS High-to-MOSI High
Impedance
tOFF
20
ns
SUSPEND TIMING CHARACTERISTICS
Time-to-Enter Suspend
PWRDOWN = 1 to oscillator stop
5
µs
Time-to-Exit Suspend
PWRDOWN = 1 to 0 to OSCOKIRQ (Note 5)
3
ms
TIMING CHARACTERISTICS
(
VCC = +3V to +3.6V, VL = +1.71V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, VL =
+2.5V, TA = +25
°C.) (Note 1)
*33pF capacitor will not be required after redesign.


Similar Part No. - MAX3420EETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420EETG++ MAXIM-MAX3420EETG+ Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
More results

Similar Description - MAX3420EETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com