Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA160AG Datasheet(PDF) 4 Page - ON Semiconductor

Part # SA160AG
Description  500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA160AG Datasheet(HTML) 4 Page - ON Semiconductor

  SA160AG Datasheet HTML 1Page - ON Semiconductor SA160AG Datasheet HTML 2Page - ON Semiconductor SA160AG Datasheet HTML 3Page - ON Semiconductor SA160AG Datasheet HTML 4Page - ON Semiconductor SA160AG Datasheet HTML 5Page - ON Semiconductor SA160AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA5.0A Series
http://onsemi.com
4
100
10
1
0.1
0.1
ms1 ms10 ms
100
ms
1ms
10ms
tp, PULSE WIDTH
Figure 1. Pulse Rating Curve
NONREPETITIVE PULSE
WAVEFORM SHOWN IN
FIGURE 4
100
80
60
40
20
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Pulse Derating Curve
10,000
1000
100
10
0.1
1
10
100
1000
VBR, BREAKDOWN VOLTAGE (VOLTS)
MEASURED @
ZERO BIAS
Figure 3. Capacitance versus Breakdown Voltage
100
50
0
01
2
3
4
t, TIME (ms)
PULSE WIDTH (tp) IS
DEFINED AS THAT POINT
WHERE THE PEAK
CURRENT DECAYS TO
50% OF IPP.
PEAK VALUE − IPP
HALF VALUE −
IPP
2
Figure 4. Pulse Waveform
5
4
3
2
1
0
0 25
50
75 100 125 150 175 200
TL, LEAD TEMPERATURE (°C)
3/8
3/8
Figure 5. Steady State Power Derating
tr ≤ 10 ms
MEASURED @
(VRWM)
tP
°


Similar Part No. - SA160AG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA160A TSC-SA160A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA160A MOTOROLA-SA160A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Littelfuse
SA160A LITTELFUSE-SA160A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Vishay Siliconix
SA160A VISHAY-SA160A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
MDE Semiconductor, Inc.
SA160A MDE-SA160A Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA160AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com