Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89636RP-SH Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89636RP-SH
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89636RP-SH Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89636RP-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89636RP-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
MB89630R Series
4
(Continued)
* : Varies with conditions such as the operating frequency. (See section “s Electrical Characteristics.”)
In the case of the MB89PV630, the voltage varies with the restrictions of the EPROM for use.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
×: Not available
* : To convert pin pitches, an adapter socket (manufacturer: Sun Hayato Co., Ltd.) is available.
64SD-64QF2-8L: For conversion from (DIP-64P-M01, DIP-64C-A06, or MDP-64C-P02) to FPT-64P-M09
Inquiry: Sun Hayato Co., Ltd.: TEL (81)-3-3986-0403
FAX (81)-3-5396-9106
Note: For more information about each package, see section “s Package Dimensions.”
MB89636R MB89637R MB89T635R MB89T637R MB89P637 MB89W637 MB89PV630
External
interrupt input
4 independent channels (edge selection, interrupt vector, source flag).
Rising edge/falling edge selectable
Used also for wake-up from stop/sleep mode. (Edge detection is also permitted in stop mode.)
Standby mode
Sleep mode, stop mode, watch mode, and subclock mode
Process
CMOS
Operating
voltage*
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-20CZ
MBM27C256A-20TV
Package
MB89635R
MB89T635R
MB89636R
MB89637R
MB89T637R
MB89P637
MB89W637
MB89PV630
DIP-64P-M01
××
FPT-64P-M06
××
FPT-64P-M09
×*
×*
×*
DIP-64C-A06
×××
×
MQP-64C-P01
××××
MDP-64C-P02
××××
MB89635R
Part number
Item


Similar Part No. - MB89636RP-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89636RP-SH FUJITSU-MB89636RP-SH Datasheet
865Kb / 59P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89636RP-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com