Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75188DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75188DR
Description  QUADRUPLE LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75188DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75188DR Datasheet HTML 2Page - Texas Instruments SN75188DR Datasheet HTML 3Page - Texas Instruments SN75188DR Datasheet HTML 4Page - Texas Instruments SN75188DR Datasheet HTML 5Page - Texas Instruments SN75188DR Datasheet HTML 6Page - Texas Instruments SN75188DR Datasheet HTML 7Page - Texas Instruments SN75188DR Datasheet HTML 8Page - Texas Instruments SN75188DR Datasheet HTML 9Page - Texas Instruments SN75188DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094C − SEPTEMBER 1983 − REVISED MAY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
VOLTAGE TRANSFER CHARACTERISTICS
VCC + = 6 V, VCC − = − 6 V
9
6
3
0
−3
−6
−9
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
−12
2
12
0
VCC + = 12 V, VCC − = − 12 V
VCC + = 9 V, VCC − = − 9 V
RL = 3 kΩ
TA = 25°C
VI − Input Voltage − V
Figure 3
OUPUT CURRENT
vs
OUTPUT VOLTAGE
Load Line
VOH(VI = 0.8 V)
VCC − = − 9 V
16
12
8
4
0
−4
−8
−12
−16
12
8
4
0
−4
−8
−12
−20
16
20
VO − Output Voltage − V
−16
VOL(VI = 1.9 V)
3-k
VCC + = 9 V
TA = 25°C
Figure 4
SHORT-CIRCUT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
IOS(L) (VI = 1.9 V)
VO = 0
VCC − = − 9 V
125
100
75
50
25
0
−25
−50
−75
9
6
3
0
−3
−6
−9
−12
150
12
TA − Free-Air Temperature − °C
− 100
VCC + = 9 V
IOS(H) (VI = 0.8 V)
Figure 5
SLEW RATE
vs
LOAD CAPACITANCE
TA = 25°C
RL = ∞
VCC − = − 9 V
VCC + = 9 V
100
10
1000
100
1
10000
1000
CL − Load Capacitance − pF
10
† Data for temperatures below 0°C and above 70°C are applicable to SN55188 circuit only.


Similar Part No. - SN75188DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75188DR TI-SN75188DR Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN75188DR TI1-SN75188DR Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN75188DRE4 TI-SN75188DRE4 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN75188DRE4 TI1-SN75188DRE4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results

Similar Description - SN75188DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com