Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ABS6
Description  Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ABS6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ABS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers ABS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABS2
THRU ABS10
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Voltage Range
200 to 1000 Volts
Current
1.0 Ampere
Features
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
High surge current capability
Thin Mini-Dip
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
ABS2 ABS4 ABS6 ABS8 ABS10 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
On glass-epoxy P.C.B.
On aluminum substrate
I(AV)
0.8
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 0.4A
VF
095
V
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage
IR
10
uA
uA
Typical Thermal resistance Junction to Lead
On aluminum substrate
On Glass-Epoxy substrate
JL
JA
25
62.5
80
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
Rev. 1, Sep. 2004
Preliminary


Similar Part No. - ABS6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ABS6 TSC-ABS6 Datasheet
58Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
GUANGDONG HOTTECH INDUS...
ABS6 HOTTECH-ABS6 Datasheet
206Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
ABS6 TSC-ABS6 Datasheet
234Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Leshan Radio Company
ABS6 LRC-ABS6 Datasheet
673Kb / 4P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Kingtronics Internation...
ABS6 KINGTRONICS-ABS6 Datasheet
378Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
More results

Similar Description - ABS6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBP100G JGD-KBP100G Datasheet
122Kb / 2P
   SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
LB10M DGNJDZ-LB10M Datasheet
313Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101 LUGUANG-DB101 Datasheet
255Kb / 2P
   Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBL101G LUGUANG-DBL101G Datasheet
204Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2 DGNJDZ-ABS2 Datasheet
375Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2-281A-29 DGNJDZ-ABS2-281A-29 Datasheet
408Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com