Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4564 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4564
Description  16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4564 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4564 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ASAHI KASEI
[AK4564]
MS0140-E-01
2002/07
- 3 -
PIN/FUNCTION
No. Pin Name
I/O
FUNCTION
Power Supply
5
SVDD
-
Speaker Amp Power Supply Pin, +3.0V
6
SVSS
-
Speaker Amp Ground Pin
15
DVDD
-
Digital Power Supply Pin, +2.8V
16
DVSS
-
Digital Ground Pin
28
HVDD
-
Headphone-Amp, LINEOUT Power Supply Pin, +4.5V
30
HVCM
O
Headphone-Amp, LINEOUT Common Voltage Output Pin, 0.5 x HVDD
31
AVSS
-
Analog Ground Pin
32
AVDD
-
Analog Power Supply Pin, +2.8V
33
VCOM
O
Common Voltage Output Pin, 0.5 x AVDD
41
MVSS
-
MIC Amp Ground Pin
42
MVDD
-
MIC Amp Power Supply Pin, +2.8V
43
MPWR
O
MIC Power Supply Pin, 1.6V@MVDD=2.8V, Idd=3mA(max)
44
MRF
O
MIC Power Supply Ripple Filter Pin
Operation Clock
7
BCLK
I
Audio Serial Data Clock Pin
8
MCLK
I
Master Clock Input Pin
9
LRCK
I
Input/Output Channel Clock Pin
13
SDTI
I
Audio Serial Data Input Pin
14
SDTO
O
Audio Serial Data Output Pin
MIC Block
37
PREOR
O
Rch Pre-Amp Output Pin
38
PRENR
I
Rch Pre-Amp Negative Input Pin
39
EXTR
I
Lch External MIC Input Pin
40
INTR
I
Rch Internal MIC Input Pin
45
INTL
I
Lch Internal MIC Input Pin
46
EXTL
I
Rch External MIC Input Pin
47
PRENL
I
Lch Pre-Amp Negative Input Pin
48
PREOL
O
Lch Pre-Amp Output Pin
Control Data Interface
10
CDTI
I
Control Data Input Pin
11
CSN
I
Chip Select Pin
12
CCLK
I
Control Clock Input Pin
ADC Block
17
LIN1
I
Lch Line #1 Input Pin
19
RIN1
I
Rch Line #1 Input Pin
21
LIN2
I
Lch Line #2 Input Pin
23
RIN2
I
Rch Line #2 Input Pin
DAC Block
18
LOUT1
O
Lch Line #1 Output Pin
20
ROUT1
O
Rch Line #1 Output Pin
22
LOUT2
O
Lch Line #2 Output Pin
24
ROUT2
O
Rch Line #2 Output Pin
NOTE: All digital input pins must not be left floating.


Similar Part No. - AKD4564

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4560A AKM-AKD4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AKD4561 AKM-AKD4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AKD4562 AKM-AKD4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AKD4562 AKM-AKD4562 Datasheet
396Kb / 30P
   EVALUATION BOARD REV.A FOR AK4562
AKD4563A AKM-AKD4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
More results

Similar Description - AKD4564

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com