Selected language     English  ▼


CS61600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. CS61600
Description  PCM JITTER ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
DC Supply
(V+)-GND
-0.3
7.0
V
Input Voltage
Vin
GND - 0.3
(V+) + 0.3
V
Input Current, Any Pin
(Note 1)
Iin
-10
10
mA
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note:
1. Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
DC Supply
(V+)-GND
4.5
5.0
5.5
V
Ambient Operating Temperature
TA
-40
2585°C
DIGITAL CHARACTERISTICS (TA = -40° to 85° C; V+ = 5V ±10%; GND = 0V)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
High-Level Output Voltage
(Notes 2 and 3)
VOH
2.4
-
-
V
Low-Level Output Voltage
(Notes 2 and 4)
VOL
--
0.4
V
Input Leakage Current
Iin
--
±10.0
µA
Notes:
2. Outputs will drive CMOS logic levels into a CMOS load.
3. Iout = -40
µA
4. Iout = 1.6 mA
Specifications subject to change without notice.
CS61600
2
DS9F3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XRT83L38OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75L06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R03THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT83SL38OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
ICS874005PCI EXPRESS TM JITTER ATTENUATOR 1 2 3 4 5 MoreIntegrated Circuit Systems
XRT75R06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R12TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75VL00E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT82L24QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT71D00E3/DS3/STS-1 JITTER ATTENUATOR STS-1 TO DS3 DESYNCHRONIZER 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl