Selected language     English  ā–¼


CS61600 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. CS61600
Description  PCM JITTER ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
0
-10
-20
-30
-40
JITTER
GAIN
(dB)
10
100
1k
10k
BELL SYSTEM
PUB 43802
SPECIFICATION
CS61600
PERFORMANCE
Input of five
unit intervals
of jitter at all
frequencies.
JITTER
FREQUENCY
(Hz)
20 dB/
decade
Figure 5. Jitter Attenuation Characteristic
7.0
5.0
0.1
10.0
500
8.0k
AT&T
43802
SPECIFICATION
CS61600 PERFORMANCE
PEAK-TO-PEAK
(SINUSOIDAL)
JITTER
AMPLITUDE
IN UNIT
INTERVALS
JITTER FREQUENCY (Hz)
10.0
1.0
0.2
CCITT
G.823
SPECIFICATION
100.0
1.0k
10.0k
18k
2.4k
20
1.5
Figure 4. Input Jitter Tolerance
CS61600
DS9F3
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XRT83L38OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75L06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R03THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT83SL38OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
ICS874005PCI EXPRESS TM JITTER ATTENUATOR 1 2 3 4 5 MoreIntegrated Circuit Systems
XRT75R06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R12TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75VL00E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT82L24QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT71D00E3/DS3/STS-1 JITTER ATTENUATOR STS-1 TO DS3 DESYNCHRONIZER 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl