Selected language     English  ▼


CS61600-IP1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. CS61600-IP1
Description  PCM JITTER ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
Features
•• Unique Clock-Tracking Circuitry Filters
50 Hz or Higher Frequency Jitter for
T1 and PCM-30 Applications
•• Minimal External Components Required
•• 14 Pin DIP
•• Single 5 Volt Supply
•• 3 Micron CMOS for High Reliability
and Low Power Dissipation: 50 mW
Typical at 25
°C
General Description
The CS61600 from Crystal Semiconductor accepts T1
(1.544 Mb/s) or CCITT standard (2.048 Mb/s) data and
clock inputs, and tolerates at least 7 (and up to 14) unit
intervals, peak-to-peak, of jitter. Before outputting data
and clock, jitter is attenuated using an internal clock-
tracking variable oscillator and a 16 bit FIFO elastic
store.
The jitter attenuation function can be determined by
appropriate specification of the external crystal.
The CS61600 is transparent to data format, and is in-
tended for application in carrier systems, switching
systems, Local Area Network gateways and multiplex-
ers.
ORDERING INFORMATION
CS61600-IP1
-
14 Pin Plastic DIP; T1 and 2.048 MHz
APR ’90
DS9F3
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
PCM Jitter Attenuator
Semiconductor Corporation
CS61600
16-BIT FIFO
VARIABLE OSCILLATOR
4
13
8
XTALIN
CLKIN
DIN
FIFO CONTROL
23
1
FIFORST
OVR
RESET
HALF FULL
DETECT
OSCOUT
5
XTALOUT
11
10
6
CLKOUT
ARE
14
7
GND
V+
12
ARC
9
DOUT
÷4
Copyright
© Crystal Semicondutor Corporation 1994
(All Rights Reserved)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XRT83L38OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75L06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R03THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT83SL38OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
ICS874005PCI EXPRESS TM JITTER ATTENUATOR 1 2 3 4 5 MoreIntegrated Circuit Systems
XRT75R06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R12TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75VL00E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT82L24QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT71D00E3/DS3/STS-1 JITTER ATTENUATOR STS-1 TO DS3 DESYNCHRONIZER 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl