Selected language     English  ▼


CS61600-IP1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. CS61600-IP1
Description  PCM JITTER ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
DIGITAL CHARACTERISTICS (TA = -40° to 85° C; V+ = 5V ±10%; GND = 0V)
Parameter
Symbol
Min
Typ
Max
Units
Power Dissipation
PD
-50
85
mW
Input Jitter Tolerance
7
-
14*
U.I.
* Depends on accuracy of crystal with respect to CLKIN frequency. See
Applications section.
SWITCHING CHARACTERISTICS (TA = -40° to 85° C; V+ = 5V ±10%; GND = 0V;
Inputs: Logic 0 = 0V, Logic 1 = V+)
Parameter
Symbol
Min
Typ
Max
Units
Crystal Frequency
T1
CCITT
(Note 5)
fc
-
-
6.176000
8.192000
-
-
MHz
CLKIN Frequency
T1
CCITT
(Note 6)
fin
-
-
1.544
2.048
-
-
MHz
CLKOUT Frequency
T1
CCITT
(Note 6)
fout
-
-
1.544
2.048
-
-
MHz
Clock Pulse Width
T1
CCITT
(Note 7)
tpwh
tpwl
-
-
324
324
-
-
ns
tpwh
tpwl
-
-
244
244
-
-
ns
Acceptable CLKIN range
(Note 8)
-
±130
-
ppm
Duty Cycle
(Note 9)
-
50
-
%
Rise Time, All Digital Outputs
(Note 10)
tr
-
36
100
ns
Fall Time, All Digital Outputs
(Note 10)
tf
-
17
100
ns
DIN to CLKIN Falling Setup Time
tsu
30
-
-
ns
CLKIN Falling to DIN Hold Time
th
50
-
-
ns
CLKOUT Falling to DOUT Propogation Delay
tphl
-
-
200
ns
Note:
5. Crystal should have sufficient pull range when in the oscillator circuit, to meet the system’s frequency
tolerance requirement over the operating temperature range. See
Applications section for more
information on crystals.
6. Although CLKIN and CLKOUT will vary in instantaneous frequency (jitter) over time, CLKOUT
will have the same average frequency as CLKIN.
7. The sum of the pulse widths must always meet the frequency specifications.
8. Crystal must have at least
±130ppm pull range over operating temperature range.
9. Duty cycle is (tPWH / (tPWH + tPWL)) x 100%.
10. At CL = 50pF.
CS61600
DS9F3
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XRT83L38OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75L06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R03THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT83SL38OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
ICS874005PCI EXPRESS TM JITTER ATTENUATOR 1 2 3 4 5 MoreIntegrated Circuit Systems
XRT75R06SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75R12TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT75VL00E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT82L24QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR 1 2 3 4 5 MoreExar Corporation
XRT71D00E3/DS3/STS-1 JITTER ATTENUATOR STS-1 TO DS3 DESYNCHRONIZER 1 2 3 4 5 MoreExar Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl